Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1008D750 Datasheet (PDF) - Renesas Technology Corp

DAC1008D750 Datasheet PDF - Renesas Technology Corp
Part # DAC1008D750
Download  DAC1008D750 Download
File Size   632.64 Kbytes
Page   97 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface

DAC1008D750 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC1008D750 Datasheet PDF - Renesas Technology Corp

Part # DAC1008D750
Download  DAC1008D750 Click to download

File Size   632.64 Kbytes
Page   97 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 10-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface

DAC1008D750 Datasheet (HTML) - Renesas Technology Corp


DAC1008D750 Product details

 Dual 10-bit resolution
 750 Msps maximum update rate
 Selectable 2, 4 or 8 interpolation
filters
 Input data rate up to 312.5 Msps
 Very low-noise cap-free integrated PLL
 32-bit programmable NCO frequency
 Four JESD204A serial input lanes
 1.8 V and 3.3 V power supplies
 LVDS compatible clock inputs
 IMD3: 80 dBc; fs = 737.28 Msps;
fo = 140 MHz
 ACPR: 64 dBc; two carriers WCDMA;
fs = 737.28 Msps; fo = 153.6 MHz
 Typical 1.26 W power dissipation at 4
interpolation, PLL off and 740 Msps
 Power-down mode and Sleep modes
 Differential scalable output current from
1.6 mA to 22 mA
 On-chip 1.29 V reference
 External analog offset control
(10-bit auxiliary DACs)
 Internal digital offset control
 Inverse (sin x) / x function




Similar Part No. - DAC1008D750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750 Datasheet
564Kb / 99P
Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1008D750HN NXP-DAC1008D750HN Datasheet
564Kb / 99P
Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
DAC1008D750HN NXP-DAC1008D750HN Datasheet
2Mb / 99P
Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1008D750 NXP-DAC1008D750_11 Datasheet
564Kb / 99P
Dual 10-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating
Rev. 2-5 January 2011
More results


Similar Description - DAC1008D750

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DAC1008D750 NXP-DAC1008D750 Datasheet
2Mb / 99P
Dual 10-bit DAC up to 750 Msps 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 01-4 October 2010
DAC1408D750 NXP-DAC1408D750 Datasheet
2Mb / 98P
Dual 14-bit DAC; up to 750 Msps; 2횞, 4횞 or 8횞 interpolating with JESD204A interface
Rev. 2-2 December 2010
DAC1408D650_1011 NXP-DAC1408D650_1011 Datasheet
2Mb / 98P
Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
Rev. 4-26 November 2010
logo
Integrated Device Techn...
DAC1208D650 IDT-DAC1208D650 Datasheet
629Kb / 96P
Dual 12-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
DAC1408D650 IDT-DAC1408D650 Datasheet
689Kb / 96P
Dual 14-bit DAC; up to 650 Msps; 2?? 4??or 8??interpolating with JESD204A interface
logo
Renesas Technology Corp
DAC1008D650 RENESAS-DAC1008D650 Datasheet
631Kb / 96P
Dual 10-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1208D650 RENESAS-DAC1208D650 Datasheet
633Kb / 96P
Dual 12-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1208D750 RENESAS-DAC1208D750 Datasheet
730Kb / 96P
Dual 12-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1408D650 RENESAS-DAC1408D650 Datasheet
693Kb / 96P
Dual 14-bit DAC; up to 650 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
DAC1408D750 RENESAS-DAC1408D750 Datasheet
633Kb / 96P
Dual 14-bit DAC; up to 750 Msps; 2, 4 or 8 interpolating with JESD204A interface
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com