Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4390 Datasheet (PDF) - Renesas Technology Corp

EL4390 Datasheet PDF - Renesas Technology Corp
Part # EL4390
Download  EL4390 Download
File Size   790.23 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 80MHz Video Amplifier with DC Restore

EL4390 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL4390 Datasheet PDF - Renesas Technology Corp

Part # EL4390
Download  EL4390 Click to download

File Size   790.23 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Triple 80MHz Video Amplifier with DC Restore

EL4390 Datasheet (HTML) - Renesas Technology Corp


EL4390 Product details

Features
• 80MHz -3dB bandwidth for gains of 1 to 10
• 800V/μs slew rate
• 15MHz bandwidth flat to 0.1dB
• Excellent differential gain and phase
• TTL/CMOS compatible DC restore function
• Available in 16-pin PDIP, 16-pin SOL
Applications
• RGB drivers requiring DC restoration
• RGB multiplexers requiring DC restoration
• RGB building blocks
• Video gain blocks requiring DC restoration
• Sync and color burst processing




Similar Part No. - EL4390

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL4390 ELANTEC-EL4390 Datasheet
309Kb / 16P
Triple 80 MHz Video Amplifier with DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
Triple 80MHz Video Amplifier with DC Restore
November 1994
logo
Elantec Semiconductor
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
Triple 80 MHz Video Amplifier with DC Restore
EL4390CM ELANTEC-EL4390CM Datasheet
309Kb / 16P
Triple 80 MHz Video Amplifier with DC Restore
logo
Intersil Corporation
EL4390CM INTERSIL-EL4390CM Datasheet
216Kb / 12P
Triple 80MHz Video Amplifier with DC Restore
November 1994
More results


Similar Description - EL4390

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC6333 FAIRCHILD-RC6333 Datasheet
39Kb / 8P
Triple Video Amplifier
logo
Elantec Semiconductor
EL4101C ELANTEC-EL4101C Datasheet
61Kb / 6P
500MHz Video Front End - 4:1MUX DC-Restore
EL4390C ELANTEC-EL4390C Datasheet
309Kb / 16P
Triple 80 MHz Video Amplifier with DC Restore
logo
Gennum Corporation
GB4571 GENNUM-GB4571 Datasheet
149Kb / 5P
Video Buffer with Precision Strobed DC Restore
logo
Intersil Corporation
EL4390 INTERSIL-EL4390 Datasheet
216Kb / 12P
Triple 80MHz Video Amplifier with DC Restore
November 1994
EL4393 INTERSIL-EL4393 Datasheet
393Kb / 9P
Triple 80MHz Video Amplifier w/Disable
January 1996
logo
Gennum Corporation
GB4551 GENNUM-GB4551 Datasheet
140Kb / 5P
Video Buffer with Strobed DC Restore
GT4124 GENNUM-GT4124 Datasheet
149Kb / 5P
GT4124 Video Multiplier with Strobed DC Restore
logo
Freescale Semiconductor...
MC34830 FREESCALE-MC34830 Datasheet
1Mb / 22P
HD to SD Adjustable Bandwidth Video Buffer with DC Restore
logo
Gennum Corporation
GB4571-CKAE3 GENNUM-GB4571-CKAE3 Datasheet
64Kb / 5P
GB4571 Video Buffer with Precision Strobed DC Restore
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com