Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5228 Datasheet (PDF) - Renesas Technology Corp

EL5228 Datasheet PDF - Renesas Technology Corp
Part # EL5228
Download  EL5228 Download
File Size   131.22 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCOM with Dual Gamma Buffer

EL5228 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5228 Datasheet PDF - Renesas Technology Corp

Part # EL5228
Download  EL5228 Click to download

File Size   131.22 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description VCOM with Dual Gamma Buffer

EL5228 Datasheet (HTML) - Renesas Technology Corp


EL5228 Product details

Features
• High power VCOM amplifier
- 180mA peak (65mA typ.) output current
- 55MHz bandwidth
- 75V/μs slew rate
• Dual gamma buffers
- 120mA peak (30mA typ.) output current
- 12MHz bandwidth
- 10V/μs slew rate
• Just 3.5mA supply current
• Small DFN-10 package
Applications
• TFT-LCD displays
• Flat panel monitors
• Notebook displays
• LCD-TVs




Similar Part No. - EL5228

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
EL5228IL INTERSIL-EL5228IL Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
EL5228IL-T13 INTERSIL-EL5228IL-T13 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
EL5228IL-T7 INTERSIL-EL5228IL-T7 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
More results


Similar Description - EL5228

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADD8701 AD-ADD8701 Datasheet
289Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV.0
logo
Intersil Corporation
EL5228 INTERSIL-EL5228 Datasheet
124Kb / 3P
VCOM with Dual Gamma Buffer
March 25, 2004
EL5128 INTERSIL-EL5128 Datasheet
698Kb / 11P
Dual VCOM Amplifier & Gamma Reference Buffer
July 26, 2004
logo
Analog Devices
ADD8702 AD-ADD8702 Datasheet
233Kb / 8P
12-Channel Gamma Buffers with Vcom Buffer
REV.0
logo
Intersil Corporation
EL5128 INTERSIL-EL5128_07 Datasheet
410Kb / 12P
Dual VCOM Amplifier & Gamma Reference Buffer
May 4, 2007
logo
Maxim Integrated Produc...
DS3510 MAXIM-DS3510 Datasheet
225Kb / 17P
I2C Gamma and VCOM Buffer with EEPROM
Rev 0; 2/08
DS3514 MAXIM-DS3514 Datasheet
338Kb / 21P
I2C Gamma and VCOM Buffer with EEPROM
Rev 1; 10/08
logo
Analog Devices
ADD8701 AD-ADD8701_15 Datasheet
295Kb / 8P
12-Channel Gamma Buffers with VCOM Buffer
REV. 0
ADD8710 AD-ADD8710_15 Datasheet
308Kb / 12P
10-Channel Gamma Buffer with VCOM Driver
REV. B
logo
Renesas Technology Corp
EL5128 RENESAS-EL5128 Datasheet
646Kb / 12P
Dual VCOM Amplifier & Gamma Reference Buffer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com