Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAA730500 Datasheet (PDF) - Renesas Technology Corp

RAA730500 Datasheet PDF - Renesas Technology Corp
Part # RAA730500
Download  RAA730500 Download
File Size   1557.63 Kbytes
Page   120 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic Programmable Analog IC

RAA730500 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA730500 Datasheet PDF - Renesas Technology Corp

Part # RAA730500
Download  RAA730500 Click to download

File Size   1557.63 Kbytes
Page   120 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Monolithic Programmable Analog IC

RAA730500 Datasheet (HTML) - Renesas Technology Corp


RAA730500 Product details

Features
• On-chip configurable amplifier × 3 ch
• On-chip synchronous detection amplifier × 1 ch
• On-chip general-purpose operational amplifier × 1 ch
• On-chip low-pass filter × 1 ch
• On-chip high-pass filter × 1 ch
• On-chip D/A converter × 4 ch
• On-chip variable output voltage regulator × 1 ch
• On-chip reference voltage generator × 1 ch
• On-chip temperature sensor × 1 ch
• On-chip SPI × 1 ch
• Includes a low-current mode.
• Operating voltage range: 3.0 V ≤ VDD ≤ 5.5 V
• Operating temperature range: -40°C ≤ TA ≤ 105°C
• Package: 48-pin plastic LQFP (fine pitch) (7 × 7)




Similar Part No. - RAA730500

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA730500 RENESAS-RAA730500_15 Datasheet
1Mb / 120P
Monolithic Programmable Analog IC
More results


Similar Description - RAA730500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA1070 PHILIPS-PCA1070 Datasheet
180Kb / 36P
Multistandard programmable analog CMOS transmission IC
1997 Jun 20
logo
Nippon Precision Circui...
SM6610 NPC-SM6610 Datasheet
106Kb / 7P
CMOS Monolithic Analog Output Temperature Sensor IC
logo
Renesas Technology Corp
RAA730300 RENESAS-RAA730300_15 Datasheet
1Mb / 120P
Monolithic Programmable Analog IC
RAA730301 RENESAS-RAA730301_15 Datasheet
716Kb / 46P
Monolithic Programmable Analog IC
RAA730500 RENESAS-RAA730500_15 Datasheet
1Mb / 120P
Monolithic Programmable Analog IC
RAA730501 RENESAS-RAA730501_15 Datasheet
714Kb / 49P
Monolithic Programmable Analog IC
RAA730502 RENESAS-RAA730502_15 Datasheet
788Kb / 47P
Monolithic Programmable Analog IC
RAA730300 RENESAS-RAA730300 Datasheet
1Mb / 120P
Monolithic Programmable Analog IC
May. 31, 2014
RAA730301 RENESAS-RAA730301 Datasheet
735Kb / 46P
Monolithic Programmable Analog IC
May. 31, 2014
RAA730502 RENESAS-RAA730502 Datasheet
810Kb / 47P
Monolithic Programmable Analog IC
May. 31 2014
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com