Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAJ306001 Datasheet (PDF) - Renesas Technology Corp

RAJ306001 Datasheet PDF - Renesas Technology Corp
Part # RAJ306001
Download  RAJ306001 Download
File Size   640.71 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General-Purpose Motor Control IC

RAJ306001 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAJ306001 Datasheet PDF - Renesas Technology Corp

Part # RAJ306001
Download  RAJ306001 Click to download

File Size   640.71 Kbytes
Page   27 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description General-Purpose Motor Control IC

RAJ306001 Datasheet (HTML) - Renesas Technology Corp


RAJ306001 Product details

1. Overview
RAJ306001 and RAJ306010 are general-purpose
motor control ICs for three phase Brushless DC
motor applications. RAJ306001 and RAJ306010
combine MCU(RL78/G1F) and a pre-driver in a
single package. The pre-driver includes half bridge
gate drivers, 5V regulator, a current sense amplifier,
hall IC comparators, Back-EMF amplifier, and
various protection functions (overtemperature,
over/under voltage, overcurrent and the motor lock
detection).
Three half bridge gate drivers provide the high
efficiency and high flexibility by adjustable gate drive
peak current (500mA), self-align dead time
generator, selectable gate drive voltage, and control
signal configuration function. Self-align dead time
generator prevents the short-through current and
provides the safe evaluation environment.
MCU supports H/W of the safe standard of
IEC60730. The development tools of the RL78 family
are available. This IC can realize the suitable motor
control and performance corresponding to each
application by F/W construction and optimization of
register settings.
2. Features
■ Operating Power Supply Voltage
● RAJ306001: 6V to 30V, RAJ306010: 6V to 42V
■ Operating Ambient Temperature
● RAJ3060xxGNP = -40 to +85°C
● RAJ3060xxZGNP = -40 to +105°C
■ Low VM Supply Current
● [MCU]: 5.2mA (HS mode: fIH = 32MHz,
VDD = 5V)
● [Pre-Driver]: 13.5mA (VM = 22.5V)
● VM standby current: 64µA (Typ.)
■ GPIO: 28ch, Port for Input: 2ch




Similar Part No. - RAJ306001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAJ306000GFT RENESAS-RAJ306000GFT Datasheet
1Mb / 26P
General purpose Motor control IC
10-Oct/2017
More results


Similar Description - RAJ306001

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62213P MITSUBISHI-M62213P Datasheet
68Kb / 9P
GENERAL PURPOSE HIGH SPEED PWM CONTROL IC
M62255FP MITSUBISHI-M62255FP Datasheet
59Kb / 12P
GENERAL PURPOSE BATTERY CHARGER CONTROL IC
M62258FP MITSUBISHI-M62258FP Datasheet
54Kb / 7P
GENERAL PURPOSE BATTERY CHARGER CONTROL IC
M62281P MITSUBISHI-M62281P Datasheet
77Kb / 9P
GENERAL PURPOSE CURRENT MODE PWM CONTROL IC
logo
List of Unclassifed Man...
MCX304 ETC-MCX304 Datasheet
137Kb / 4P
MOTOR CONTROL IC
logo
Renesas Technology Corp
M62213P RENESAS-M62213P Datasheet
149Kb / 11P
General Purpose High Speed PWM Control IC
M62255FP RENESAS-M62255FP Datasheet
166Kb / 13P
General Purpose Battery Charger Control IC
M62258FP RENESAS-M62258FP Datasheet
204Kb / 9P
General Purpose Battery Charger Control IC
M62281P RENESAS-M62281P Datasheet
157Kb / 13P
General Purpose Current Mode PWM Control IC
RAJ306000GFT RENESAS-RAJ306000GFT Datasheet
1Mb / 26P
General purpose Motor control IC
10-Oct/2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com