Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY7C4255 Datasheet (PDF) - Cypress Semiconductor

CY7C4255 Datasheet PDF - Cypress Semiconductor
Part # CY7C4255
Download  CY7C4255 Download

File Size   361.47 Kbytes
Page   22 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K/16K x 18 Deep Sync FIFOs

CY7C4255 Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C4255 Datasheet PDF - Cypress Semiconductor

Part # CY7C4255
Download  CY7C4255 Click to download

File Size   361.47 Kbytes
Page   22 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 8K/16K x 18 Deep Sync FIFOs

CY7C4255 Datasheet (HTML) - Cypress Semiconductor

Back Button CY7C4255 Datasheet HTML 1Page - Cypress Semiconductor CY7C4255 Datasheet HTML 2Page - Cypress Semiconductor CY7C4255 Datasheet HTML 3Page - Cypress Semiconductor CY7C4255 Datasheet HTML 4Page - Cypress Semiconductor CY7C4255 Datasheet HTML 5Page - Cypress Semiconductor CY7C4255 Datasheet HTML 6Page - Cypress Semiconductor CY7C4255 Datasheet HTML 7Page - Cypress Semiconductor CY7C4255 Datasheet HTML 8Page - Cypress Semiconductor CY7C4255 Datasheet HTML 9Page - Cypress Semiconductor CY7C4255 Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C4255 Product details

Functional Description
The CY7C4255/65 are high-speed, low-power, first-in first-out (FIFO) memories with clocked read and write interfaces. All are 18 bits wide and are pin/functionally compatible to the CY7C42X5 Synchronous FIFO family. The CY7C4255/65 can be cascaded to increase FIFO depth. Programmable features include Almost Full/Almost Empty flags. These FIFOs provide solutions for a wide variety of data buffering needs, including high-speed data acquisition, multiprocessor interfaces, and communications buffering.

Features
• High-speed, low-power, first-in first-out (FIFO) memories
• 8K x 18 (CY7C4255)
• 16K x 18 (CY7C4265)
• 0.5 micron CMOS for optimum speed/power
• High-speed 100-MHz operation (10 ns read/write cycle times)
• Low power — ICC = 45 mA
• Fully asynchronous and simultaneous read and write operation
• Empty, Full, Half Full, and programmable Almost Empty and Almost Full status flags
• TTL compatible
• Retransmit function
• Output Enable (OE) pins
• Independent read and write enable pins
• Center power and ground pins for reduced noise
• Supports free-running 50% duty cycle clock inputs
• Width Expansion Capability
• Depth Expansion Capability
• 64-pin PLCC, 64-pin TQFP and 64-pin STQFP
• Pin-compatible density upgrade to CY7C42X5 family
• Pin-compatible density upgrade to IDT72205/15/25/35/45




Similar Part No. - CY7C4255

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4255 CYPRESS-CY7C4255 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255-10AC CYPRESS-CY7C4255-10AC Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255-10AC CYPRESS-CY7C4255-10AC Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255-10ASC CYPRESS-CY7C4255-10ASC Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255-10ASC CYPRESS-CY7C4255-10ASC Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
More results


Similar Description - CY7C4255

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C4255 CYPRESS-CY7C4255_05 Datasheet
541Kb / 22P
   8K/16K x 18 Deep Sync FIFOs
CY7C4255 CYPRESS-CY7C4255_09 Datasheet
655Kb / 23P
   8K/16K x 18 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261 Datasheet
278Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261 CYPRESS-CY7C4261_05 Datasheet
840Kb / 18P
   16K/32K x 9 Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V Datasheet
205Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync FIFOs
CY7C4261V CYPRESS-CY7C4261V_05 Datasheet
453Kb / 16P
   16K/32K/64K/128K x 9 Low-Voltage Deep Sync??FIFOs
logo
AverLogic Technologies ...
AL4CX3650 AVERLOGIC-AL4CX3650 Datasheet
33Kb / 2P
   2K/ 4K/ 8K/ 16K/ 32K x 36 Synchronous FIFOs
logo
Cypress Semiconductor
CY7C4291 CYPRESS-CY7C4291 Datasheet
199Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C4281 CYPRESS-CY7C4281_05 Datasheet
430Kb / 16P
   64K/128K x 9 Deep Sync FIFOs
CY7C460A CYPRESS-CY7C460A Datasheet
250Kb / 15P
   Asynchronous, Cascadable 8K/16K/32K/64K x9 FIFOs
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com