Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV1S9209A Datasheet (PDF) - Renesas Technology Corp

RV1S9209A Datasheet PDF - Renesas Technology Corp
Part # RV1S9209A
Download  RV1S9209A Download
File Size   5473.26 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,

RV1S9209A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9209A Datasheet PDF - Renesas Technology Corp

Part # RV1S9209A
Download  RV1S9209A Click to download

File Size   5473.26 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER,

RV1S9209A Datasheet (HTML) - Renesas Technology Corp


RV1S9209A Product details

DESCRIPTION
The RV1S9209A is an optical coupled high-speed, totem pole output (active high output type) isolator
containing an AlGaAs LED on the input side and a photodiode and a signal processing circuit on the output
side on one chip.
The RV1S9209A is specified high CMR and pulse width distortion with operating temperature. It is suitable
for IPM (Intelligent Power Module) drive.
FEATURES
 Small and long creepage (8.2 mm MIN, LSSO5)
 Totem pole output (Active High Output Type)
 Pulse width distortion (|tPLH tPHL| = 80 ns MAX.)
 High common mode transient immunity (CMH, CML = ± 50 kV/µs MIN.)
 Operating Ambient Temperature (125 °C MAX.)
 High isolation voltage (BV = 5 000 Vr.m.s.)
 Embossed tape product:RV1S9209ACCSP-10Yx#KC0 : 3 500 pcs/reel
 Pb-Free product
 Safety standard
• UL :UL1577, Double protection
• CSA :CAN/CSA-C22.2 No.62368-1, Reinforced insulation
• VDE :DIN EN 60747-5-5 (Option)




Similar Part No. - RV1S9209A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9209A RENESAS-RV1S9209A Datasheet
465Kb / 16P
LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
REV 2.00 Jun. 06, 2025
RV1S9209ACCSP-10YC RENESAS-RV1S9209ACCSP-10YC Datasheet
465Kb / 16P
LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
REV 2.00 Jun. 06, 2025
RV1S9209ACCSP-10YC#KC0 RENESAS-RV1S9209ACCSP-10YC#KC0 Datasheet
465Kb / 16P
LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
REV 2.00 Jun. 06, 2025
RV1S9209ACCSP-10YC#SC0 RENESAS-RV1S9209ACCSP-10YC#SC0 Datasheet
465Kb / 16P
LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
REV 2.00 Jun. 06, 2025
RV1S9209ACCSP-10YV RENESAS-RV1S9209ACCSP-10YV Datasheet
465Kb / 16P
LOW FORWARD-CURRENT(IF) TOTEM POLE OUTPUT TYPE HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
REV 2.00 Jun. 06, 2025
More results


Similar Description - RV1S9209A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS9309L RENESAS-PS9309L Datasheet
273Kb / 14P
LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
California Eastern Labs
PS9715 CEL-PS9715 Datasheet
64Kb / 6P
HIGH CMR, 10 Mbps TOTEM POLE OUTPUT TYPE 5-PIN SOP PHOTOCOUPLER
PS9309L CEL-PS9309L Datasheet
1Mb / 10P
Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
COSMO Electronics Corp...
K1010T COSMO-K1010T Datasheet
945Kb / 11P
Low Input Current TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
PS9309L RENESAS-PS9309L_15 Datasheet
516Kb / 18P
LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 6-PIN SDIP PHOTOCOUPLER
PS9009 RENESAS-PS9009 Datasheet
859Kb / 16P
LOW IF TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
RV1S9060A RENESAS-RV1S9060A Datasheet
2Mb / 14P
HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION,
Mar 06, 2020
RV1S9260A RENESAS-RV1S9260A Datasheet
6Mb / 15P
HIGH CMR, 15Mbps CMOS OUTPUT, LOW FORWARD-CURRENT(IF) 3.3V/5V OPERATION,
Nov 11,2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com