Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RV1S9213A Datasheet (PDF) - Renesas Technology Corp

RV1S9213A Datasheet PDF - Renesas Technology Corp
Part # RV1S9213A
Download  RV1S9213A Download
File Size   6486.25 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER,

RV1S9213A Datasheet (PDF)

Go To PDF Page Download Datasheet
RV1S9213A Datasheet PDF - Renesas Technology Corp

Part # RV1S9213A
Download  RV1S9213A Click to download

File Size   6486.25 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER,

RV1S9213A Datasheet (HTML) - Renesas Technology Corp


RV1S9213A Product details

DESCRIPTION
The RV1S9213A is an optically coupled isolator containing an AlGaAs LED on the input side and a photo diode and a
signal processing circuit on the output side on one chip. The RV1S9213A is designed specifically for high common
mode transient immunity (CMR) and low pulse width distortion with operating temperature. It is suitable for IPM drive.
This package is very small and thin with long creepage distance(8.2mm).
This small product is suitable for various interface circuits which require surface mounting and high-density mounting.
FEATURES
 Small and long creepage (8.2 mm, LSSO5)
 Open collector output
 High speed switching (tPHL = 500ns Max., tPLH = 750ns MAX.)
 Propagation Delay Difference (tPLH – tPHL = 270 ns TYP.)
 Operating temperature(-40 ~ +125°C)
 High common mode transient immunity (CMH, CML = 50 kV/µs MIN.)
 High isolation voltage (BV = 5000 Vr.m.s.)
 Embossed tape product :RV1S9213ACCSP-10Yx#KC0: 3500 pcs/reel
 Pb-Free product
 Safety standard
• UL :UL1577, Double protection
• CSA :CAN/CSA-C22.2 No.62368-1, Reinforced insulation
• VDE :DIN EN 60747-5-5 (Option)




Similar Part No. - RV1S9213A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RV1S9213A RENESAS-RV1S9213A Datasheet
478Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
REV 2.00 Oct. 24, 2025
RV1S9213ACCSP-10YC RENESAS-RV1S9213ACCSP-10YC Datasheet
478Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
REV 2.00 Oct. 24, 2025
RV1S9213ACCSP-10YC#KC0 RENESAS-RV1S9213ACCSP-10YC#KC0 Datasheet
478Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
REV 2.00 Oct. 24, 2025
RV1S9213ACCSP-10YC#SC0 RENESAS-RV1S9213ACCSP-10YC#SC0 Datasheet
478Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
REV 2.00 Oct. 24, 2025
RV1S9213ACCSP-10YV RENESAS-RV1S9213ACCSP-10YV Datasheet
478Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMTI, IPM DRIVER, 5-PIN SSOP WITH 8.2mm CREEPAGE DISTANCE (LSSO5) PHOTOCOUPLER
REV 2.00 Oct. 24, 2025
More results


Similar Description - RV1S9213A

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PS9821 CALMIRCO-PS9821 Datasheet
2Mb / 4P
HIGH CMR, 10 Mbps 3.3V OPEN COLLECTOR OUTPUT TYPE SO8 OPTOCOUPLER
logo
NEC
PS9113 NEC-PS9113 Datasheet
240Kb / 14P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE 5-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS9924 CEL-PS9924 Datasheet
636Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 8-PIN LSDIP PHOTOCOUPLER
PS9213_V1 CEL-PS9213_V1 Datasheet
256Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PS9303L CEL-PS9303L Datasheet
987Kb / 16P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER 6-PIN SDIP PHOTOCOUPLER
logo
Renesas Technology Corp
PS9324L RENESAS-PS9324L_15 Datasheet
338Kb / 19P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE, 6-PIN SDIP PHOTOCOUPLER
PS9113 RENESAS-PS9113 Datasheet
276Kb / 18P
1 Mbps, OPEN COLLECTOR OUTPUT HIGH CMR, INTELLIGENT POWER MODULE
PS9117A RENESAS-PS9117A Datasheet
287Kb / 16P
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE
PS9303L RENESAS-PS9303L_15 Datasheet
266Kb / 18P
1 Mbps TOTEM POLE OUTPUT TYPE HIGH CMR, IPM DRIVER
PS9013 RENESAS-PS9013 Datasheet
999Kb / 16P
1 Mbps, OPEN COLLECTOR OUTPUT, HIGH CMR, IPM DRIVER, 5-PIN SSOP (LSO5) PHOTOCOUPLER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com