Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G27-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

74LVC1G27-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74LVC1G27-Q100
Download  74LVC1G27-Q100 Download
File Size   194.85 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single 3-input NOR gate

74LVC1G27-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G27-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74LVC1G27-Q100
Download  74LVC1G27-Q100 Click to download

File Size   194.85 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Single 3-input NOR gate

74LVC1G27-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


74LVC1G27-Q100 Product details

1. General description
The 74LVC1G27-Q100 provides one 3-input NOR function.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these devices
as translators in mixed 3.3 V and 5 V applications.
Schmitt-trigger action at all inputs makes the circuit tolerant of slower input rise and fall time.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current through the device when it is
powered down.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C
• Wide supply voltage range from 1.65 V to 5.5 V
• High noise immunity
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Inputs accept voltages up to 5 V
• Complies with JEDEC standard:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD36 (4.5 V to 5.5 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• MIL-STD-883, method 3015 exceeds 2000 V




Similar Part No. - 74LVC1G27-Q100

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G27 NEXPERIA-74LVC1G27 Datasheet
235Kb / 16P
Single 3-input NOR gate
74LVC1G27GF NEXPERIA-74LVC1G27GF Datasheet
235Kb / 16P
Single 3-input NOR gate
74LVC1G27GM NEXPERIA-74LVC1G27GM Datasheet
235Kb / 16P
Single 3-input NOR gate
74LVC1G27GN NEXPERIA-74LVC1G27GN Datasheet
235Kb / 16P
Single 3-input NOR gate
74LVC1G27GS NEXPERIA-74LVC1G27GS Datasheet
235Kb / 16P
Single 3-input NOR gate
More results


Similar Description - 74LVC1G27-Q100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
Triple 3-Input NOR Gate
logo
Texas Instruments
SN74LVC1G27 TI-SN74LVC1G27 Datasheet
237Kb / 12P
SINGLE 3-INPUT POSITIVE-NOR GATE
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
Triple 3-Input NOR Gate
logo
Texas Instruments
SN74LVC1G27 TI1-SN74LVC1G27_15 Datasheet
1Mb / 24P
Single 3-Input Positive-NOR Gate
logo
Nexperia B.V. All right...
74LVC1G27 NEXPERIA-74LVC1G27 Datasheet
235Kb / 16P
Single 3-input NOR gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
Triple 3-Input NOR Gate
2019-01-31
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com