Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2778A Datasheet (PDF) - Bel Fuse Inc.

2778A Datasheet PDF - Bel Fuse Inc.
Part # 2778A
Download  2778A Download
File Size   36.57 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description MODEM MAGNETICS Global V.90 and V.34 Transformers

2778A Datasheet (PDF)

Go To PDF Page Download Datasheet
2778A Datasheet PDF - Bel Fuse Inc.

Part # 2778A
Download  2778A Click to download

File Size   36.57 Kbytes
Page   2 Pages
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.
Description MODEM MAGNETICS Global V.90 and V.34 Transformers

2778A Datasheet (HTML) - Bel Fuse Inc.




Similar Part No. - 2778A

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2778 KR-2778 Datasheet
50Kb / 2P
Sharp Transition to Stopband
logo
Multicomp Pro
2778 MULTICOMP-2778 Datasheet
275Kb / 1P
Heat Shrink Tubing Kit
06/05/21 V1.0
logo
Adafruit Industries
2778 ADAFRUIT-2778 Datasheet
678Kb / 2P
USB to 2.1mm DC Booster Cable - 12V
6-24-19
logo
Kemet Corporation
2778 KEMET-2778 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
PHOENIX CONTACT
2778013 PHOENIX-2778013 Datasheet
164Kb / 13P
Feed-through terminal block - UKK 3-LOER
More results


Similar Description - 2778A

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI2457 SILABS-SI2457 Datasheet
971Kb / 74P
V.90, V.34, V.32BIS, V.22BIS ISOMODEM WITH GLOBAL DAA
SI2456 SILABS-SI2456 Datasheet
1Mb / 86P
V.90, V.34, V.32BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
logo
Bel Fuse Inc.
0574-1000-15 BEL-0574-1000-15 Datasheet
40Kb / 1P
V.34 MODEM TRANSFORMERS
2786A BEL-2786A Datasheet
40Kb / 2P
MODEM MAGNETICS PCMCIA V.90 Transformers
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2793A BEL-2793A Datasheet
31Kb / 2P
MODEM MAGNETICS European V.34 Modem Transformer
2796A BEL-2796A Datasheet
42Kb / 2P
MODEM MAGNETICS PCMCIA V.34 Modem Transformers
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
S574-1000-18 BEL-S574-1000-18 Datasheet
29Kb / 2P
MODEM MAGNETICS V.90 Modem Surface Mount Transformer
More results




About Bel Fuse Inc.


Bel Fuse Inc is a multinational electronics company that specializes in the design and manufacture of a wide range of products, including circuit protection solutions, magnetic components, power solutions, and connectivity solutions.

The company was founded in 1949 and has its headquarters in Jersey City, New Jersey.

Bel Fuse operates globally, serving customers in industries such as telecommunications, data storage, aerospace, and industrial electronics, among others.

The company is known for its high-quality products and innovative technology, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com