Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGAS707 Datasheet (PDF) - Renesas Technology Corp

SGAS707 Datasheet PDF - Renesas Technology Corp
Part # SGAS707
Download  SGAS707 Download
File Size   890.21 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Industrial Organic Chemical Sensor

SGAS707 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGAS707 Datasheet PDF - Renesas Technology Corp

Part # SGAS707
Download  SGAS707 Click to download

File Size   890.21 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Industrial Organic Chemical Sensor

SGAS707 Datasheet (HTML) - Renesas Technology Corp


SGAS707 Product details

Description
The IDT SGAS707 is a solid-state chemiresistor sensor designed
to detect volatile organic chemicals (VOCs) in air. The sensor uses
an integrated heater with highly sensitive polymer-MOx composite
material designed for detection of VOCs.
The chemiresistor sensors in the IDT SGAS family are based on
the principle that metal-oxide materials undergo surface interactions (physisorption and chemisorption) with gas molecules at
elevated temperatures, resulting in a measurable change in
electrical resistance. As metal-oxide materials are polycrystalline
(i.e., composed of multiple grains with distinct grain boundaries),
the adsorbed gases have significant electronic effects on the
individual grains. These gas-solid interactions result in a change in
electron (or hole) density at the surface (i.e., a space charge forms),
which in turn changes the electrical conductivity of the oxide. IDT
has developed a set of nanostructured gas-sensing materials with
excellent sensitivity and stability.

Features
 High sensitivity to a wide range of VOCs
 Non-specific: responds to many different organic vapors
 Typical response time < 1 minute to 90% full scale
 Environmental temperature range: 0°C to 40°C
 Environmental humidity range: 0% to 90% RH,
noncondensing




Similar Part No. - SGAS707

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
SGAS707 IDT-SGAS707 Datasheet
655Kb / 15P
Industrial Organic Chemical Sensor
More results


Similar Description - SGAS707

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T527I107M004ATE200 KEMET-T527I107M004ATE200 Datasheet
840Kb / 15P
KEMET Organic Capacitor
logo
Alpha Wire
FIT-500-30 ALPHAWIRE-FIT-500-30 Datasheet
95Kb / 1P
Supreme Chemical Resistance
logo
Amphenol Corporation
AAS-BR-165B AMPHENOL-AAS-BR-165B Datasheet
226Kb / 4P
Chemical analyzers
logo
Laird Tech Smart Techno...
HT0003 LSTD-HT0003 Datasheet
127Kb / 2P
Chemical Resistance
logo
Integrated Device Techn...
SGAS707 IDT-SGAS707 Datasheet
655Kb / 15P
Industrial Organic Chemical Sensor
logo
Analog Devices
ADUCM355 AD-ADUCM355 Datasheet
808Kb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
4/2020-Rev. B to Rev. C
logo
Ultralife Corporation.
UB0009 ULTRALIFE-UB0009 Datasheet
424Kb / 2P
Chemical agent monitors
Rev: F
logo
Analog Devices
ADUCM356 AD-ADUCM356 Datasheet
2Mb / 28P
Precision Analog Microcontroller with Chemical Sensor Interface
Rev. A
logo
Endress+Hauser Group Se...
CPS71E EH-CPS71E Datasheet
873Kb / 12P
pH sensor for chemical process applications
2021-03-08
CPS72E EH-CPS72E Datasheet
838Kb / 12P
ORP sensor for chemical process applications
2021-01-11
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com