Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46625-A Datasheet (PDF) - Renesas Technology Corp

SLG46625-A Datasheet PDF - Renesas Technology Corp
Part # SLG46625-A
Download  SLG46625-A Download
File Size   2768.61 Kbytes
Page   193 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-Signal Matrix

SLG46625-A Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46625-A Datasheet PDF - Renesas Technology Corp

Part # SLG46625-A
Download  SLG46625-A Click to download

File Size   2768.61 Kbytes
Page   193 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-Signal Matrix

SLG46625-A Datasheet (HTML) - Renesas Technology Corp


SLG46625-A Product details

General Description
The SLG46625-A provides a small, low power component for commonly used mixed-signal functions. The user creates their
circuit design by programming the one time programmable (OTP) Non-Volatile Memory (NVM) to configure the interconnect
logic, the IO Pins and the macrocells of the SLG46625-A. This highly versatile device allows a wide variety of mixed-signal
functions to be designed within a very small, low power single integrated circuit.

Key Features
Applications
General Description
The SLG46625-A provides a small, low power component for commonly used mixed-signal functions. The user creates their
circuit design by programming the one time programmable (OTP) Non-Volatile Memory (NVM) to configure the interconnect
logic, the IO Pins and the macrocells of the SLG46625-A. This highly versatile device allows a wide variety of mixed-signal
functions to be designed within a very small, low power single integrated circuit.
 8-bit Successive Approximation Register Analog-to-Digital
Converter (SAR ADC)
 ADC 3-bit Programmable Gain Amplifier (PGA)
 Two Digital-to-Analog Converters (DAC)
 Six Analog Comparators (ACMP)
 Two Voltage References (Vref)
 Twenty Five Combinatorial Look Up Tables (LUTs)
 Eight 2-bit LUTs
 Sixteen 3-bit LUTs
 One 4-bit LUT
 One Combination Function Marcocells
 Pattern Generator or 4-bit LUT
 Three Digital Comparators/Pulse Width Modulators
(DCMPs /PWMs) w/ Selectable Deadband
 Ten Counters/Delays (CNT/DLY)
 Two 14-bit Delay/Counter
 One 14-bit Delay/Counter (Wake-Sleep Control)
 One 14-bit Delay/Counter/Finite State Machine
 Five 8-bit Delay/Counter
 One 8-bit Delay/Counter/Finite State Machine
 Twelve D Flip-Flops/Latches
 Two Pipe Delays – 16 stage/ 2 output
 Two Programmable Delays w/ Edge Detection
 Three Internal Oscillators
 Low-Frequency
 Ring
 RC 25 kHz and 2 MHz
 Power-On Reset (POR)
 Two Bandgaps
 Slave SPI
 Read Back Protection (Read Lock)
 Power Supply
 1.8 V (± 5 %) to 5 V
 Ambient Operating Temperature Range: -40 °C to 125 °C
 RoHS Compliant / Halogen-Free
 Available Package
 20-pin TQFN: 3.5 mm x 3.5 mm x 0.75 mm, 0.5 mm
pitch
 AEC-Q100 (TA = -40°C to 125°C) Qualified




Similar Part No. - SLG46625-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
logo
Dialog Semiconductor
SLG46620-A DIALOG-SLG46620-A Datasheet
2Mb / 186P
Auto Grade GreenPAK Programmable Mixed-signal Matrix
logo
Renesas Technology Corp
SLG46620-A RENESAS-SLG46620-A Datasheet
2Mb / 188P
Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-signal Matrix
6-Mar-2023
SLG46620-A RENESAS-SLG46620-A Datasheet
2Mb / 190P
Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-signal Matrix
7-Apr-2025
logo
Dialog Semiconductor
SLG46620-AG DIALOG-SLG46620-AG Datasheet
2Mb / 186P
Auto Grade GreenPAK Programmable Mixed-signal Matrix
More results


Similar Description - SLG46625-A

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46620-A DIALOG-SLG46620-A Datasheet
2Mb / 186P
Auto Grade GreenPAK Programmable Mixed-signal Matrix
SLG46855-A DIALOG-SLG46855-A Datasheet
2Mb / 199P
Auto Grade GreenPAK Programmable Mixed-Signal Matrix
SLG46857-A DIALOG-SLG46857-A Datasheet
3Mb / 196P
Auto Grade GreenPAK Programmable Mixed-Signal Matrix
logo
Renesas Technology Corp
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620-A RENESAS-SLG46620-A Datasheet
2Mb / 188P
Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-signal Matrix
6-Mar-2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855-A RENESAS-SLG46855-A Datasheet
2Mb / 201P
Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
SLG46857-A RENESAS-SLG46857-A Datasheet
3Mb / 199P
Auto AEC-Q100 Qualified GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com