Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG46826 Datasheet (PDF) - Renesas Technology Corp

SLG46826 Datasheet PDF - Renesas Technology Corp
Part # SLG46826
Download  SLG46826 Download
File Size   3439.01 Kbytes
Page   188 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability

SLG46826 Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG46826 Datasheet PDF - Renesas Technology Corp

Part # SLG46826
Download  SLG46826 Click to download

File Size   3439.01 Kbytes
Page   188 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability

SLG46826 Datasheet (HTML) - Renesas Technology Corp


SLG46826 Product details

General Description
The SLG46826 provides a small, low power component for commonly used Mixed-Signal functions. The user creates the circuit design by programming the multiple time Non-Volatile Memory (NVM) to configure the interconnect logic, the IOs, and the
macrocells of the SLG46826. Dual power supply allows to flexibly interface two independent voltage domains.This highly versatile device allows a wide variety of Mixed-Signal functions to be designed within a very small, low power single integrated
circuit.


Key Features
 Two High Speed General Purpose Rail-to-Rail Analog
Comparators (ACMPxH)
 Two Low Power General Purpose Rail-to-Rail Analog
Comparators (ACMPxL)
 Two Voltage References
 Two Vref Outputs
 Eleven Combination Function Macrocells
 Three Selectable DFF/LATCH or 2-bit LUTs
 One Selectable Programmable Pattern Generator or
2-bit LUT
 Six Selectable DFF/LATCH or 3-bit LUTs
 One Selectable Pipe Delay or Ripple Counter or
3-bit LUT
 Eight Multi-Function Macrocells
 Seven Selectable DFF/LATCH or 3-bit LUTs + 8-bit
Delay/Counters
 One Selectable DFF/LATCH or 4-bit LUT + 16-bit
Delay/Counter
 Serial Communications
 I
2C Protocol Interface
 2-kbit (256 x 8) I2C-Compatible (2-Wire) Serial EEPROM
emulation with Software Write Protection
 Programmable Delay with Edge Detector Output
 Deglitch Filter or Edge Detector
 Three Oscillators
 2.048 kHz Oscillator
 2.048 MHz Oscillator
 25 MHz Oscillator
 Analog Temperature Sensor
 Power-On Reset
 In-System Programmability
 Multiple Time Programmable Memory
 Wide Range Power Supply
 2.5 V (±8 %) to 5 V (±10 %) VDD
 1.8 V (±5 %) to 5 V (±10 %) VDD2 (VDD2 ≤ VDD)
 Operating Temperature Range: -40 °C to +85 °C
 RoHS Compliant/Halogen-Free
 Two Packages Available
 20-pin STQFN: 2 mm x 3 mm x 0.55 mm, 0.4 mm pitch
 20-pin TSSOP: 6.5 mm x 6.4 mm x 1.2 mm, 0.65 mm
pitch




Similar Part No. - SLG46826

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46826 DIALOG-SLG46826 Datasheet
1Mb / 165P
Two High Speed General Purpose Rail-to-Rail Analog
logo
Renesas Technology Corp
SLG46826-EV RENESAS-SLG46826-EV Datasheet
1Mb / 195P
GreenPAK Programmable Mixed-Signal Matrix with Extended Temperature Range
Oct 25, 2024
More results


Similar Description - SLG46826

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG46824 DIALOG-SLG46824 Datasheet
1Mb / 152P
GreenPAK Programmable Mixed Signal Matrix with In System
SLG46169 DIALOG-SLG46169 Datasheet
692Kb / 102P
GreenPAK Programmable Mixed-signal Matrix
SLG46811 DIALOG-SLG46811 Datasheet
2Mb / 171P
GreenPAK Programmable Mixed-Signal Matrix
SLG47004 DIALOG-SLG47004 Datasheet
12Mb / 292P
GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
logo
Renesas Technology Corp
SLG46824 RENESAS-SLG46824 Datasheet
2Mb / 170P
GreenPAK Programmable Mixed-Signal Matrix with In System Programmability
9-Aug-2022
SLG47004 RENESAS-SLG47004 Datasheet
15Mb / 302P
GreenPAK Programmable Mixed-Signal Matrix with In-System Programmability and Advanced Analog Features
7-Mar-2022
SLG46170 RENESAS-SLG46170 Datasheet
1Mb / 87P
GreenPAK Programmable Mixed-signal Matrix
March 10, 2023
SLG46536 RENESAS-SLG46536 Datasheet
2Mb / 169P
GreenPAK Programmable Mixed-signal Matrix
March 3, 2023
SLG46620 RENESAS-SLG46620 Datasheet
3Mb / 214P
GreenPAK Programmable Mixed-signal Matrix
March 6, 2023
SLG46855 RENESAS-SLG46855 Datasheet
3Mb / 202P
GreenPAK Programmable Mixed-Signal Matrix
28-Feb-2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com