Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLG5NT021-200000V Datasheet (PDF) - Renesas Technology Corp

SLG5NT021-200000V Datasheet PDF - Renesas Technology Corp
Part # SLG5NT021-200000V
Download  SLG5NT021-200000V Download
File Size   322.41 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description  High Voltage Gate Driver

SLG5NT021-200000V Datasheet (PDF)

Go To PDF Page Download Datasheet
SLG5NT021-200000V Datasheet PDF - Renesas Technology Corp

Part # SLG5NT021-200000V
Download  SLG5NT021-200000V Click to download

File Size   322.41 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description  High Voltage Gate Driver

SLG5NT021-200000V Datasheet (HTML) - Renesas Technology Corp


SLG5NT021-200000V Product details

Features
• Power Supply: 4.4 V to 5.25 V
• SLG5NT021 Drain Voltage Range 1.0 V to 24 V
• Internal Gate Voltage Charge Pump
• Controlled Turn on Delay
• Controlled Turn on Slew Rate
• Stable Slew Rate (±2% typ) over Temperature Range
• RoHS Compliant / Halogen-Free
• Pb-Free TDFN-8 Package




Similar Part No. - SLG5NT021-200000V

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG5NT026 DIALOG-SLG5NT026 Datasheet
183Kb / 8P
Dual Power Source Gate Driver
logo
Renesas Technology Corp
SLG5NT026 RENESAS-SLG5NT026 Datasheet
324Kb / 10P
Dual Power High Voltage Gate Driver
February 9, 2022
More results


Similar Description - SLG5NT021-200000V

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2110 IRF-IR2110_1 Datasheet
9Mb / 24P
HIGH VOLTAGE MOS GATE DRIVER
logo
Infineon Technologies A...
6EDL04I06PT INFINEON-6EDL04I06PT_16 Datasheet
818Kb / 25P
High voltage gate driver IC
Revision 2.6, 05.08.2016
6ED003L06-F2 INFINEON-6ED003L06-F2_16 Datasheet
746Kb / 20P
High voltage gate driver IC
Revision 2.8, 05.08.2016
2EDL23I06PJ INFINEON-2EDL23I06PJ Datasheet
1,013Kb / 23P
High voltage gate driver IC
Revision 2.2, 01.06.2016
2EDL05I06PF INFINEON-2EDL05I06PF_16 Datasheet
1Mb / 22P
High voltage gate driver IC
Revision 2.6, 01.06.2016
logo
Dialog Semiconductor
SLG55021-200010 DIALOG-SLG55021-200010 Datasheet
231Kb / 8P
GreenFETTM High Voltage Gate Driver
SLG55022-200030 DIALOG-SLG55022-200030 Datasheet
256Kb / 9P
GreenFETTM High Voltage Gate Driver
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
High voltage gate driver IC
Revision 1.0, 2013-07-26
logo
Renesas Technology Corp
SLG55022 RENESAS-SLG55022 Datasheet
346Kb / 10P
High Voltage Gate Driver
9-Feb-2022
SLG55021-200010 RENESAS-SLG55021-200010 Datasheet
323Kb / 9P
High Voltage Gate Driver
9-Feb-2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com