Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFA1412IB Datasheet (PDF) - Renesas Technology Corp

HFA1412IB Datasheet PDF - Renesas Technology Corp
Part # HFA1412IB
Download  HFA1412IB Download
File Size   738.94 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier

HFA1412IB Datasheet (PDF)

Go To PDF Page Download Datasheet
HFA1412IB Datasheet PDF - Renesas Technology Corp

Part # HFA1412IB
Download  HFA1412IB Click to download

File Size   738.94 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier

HFA1412IB Datasheet (HTML) - Renesas Technology Corp


HFA1412IB Product details

Features
• User Programmable For Closed-Loop Gains of +1, -1 or
+2 Without Use of External Resistors
• Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . . . . . . 350MHz
• Low Supply Current . . . . . . . . . . . . . . . . . . . . 6mA/Buffer
• Excellent Gain Flatness (to 100MHz). . . . . . . . . . 0.08dB
• Low Differential Gain and Phase . . . . 0.03%/0.02 Degree
• Very Fast Slew Rate . . . . . . . . . . . . . . . . . . . . . 1650V/s
• Fast Settling Time (0.1%). . . . . . . . . . . . . . . . . . . . . 28ns
• High Output Current . . . . . . . . . . . . . . . . . . . . . . . . . 55mA
• Excellent Gain Accuracy . . . . . . . . . . . . . . . . . . . 0.99V/V
• Overdrive Recovery . . . . . . . . . . . . . . . . . . . . . . . . <10ns
• Standard Operational Amplifier Pinout
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Video Distribution Amps
• Flash A/D Drivers
• Video Cable Drivers
• Video Switchers and Routers
• Medical Imaging Systems
• RGB Video Processing
• High Speed Oscilloscopes and Analyzers




Similar Part No. - HFA1412IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HFA1412IB INTERSIL-HFA1412IB Datasheet
330Kb / 13P
Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
HFA1412IBZ INTERSIL-HFA1412IBZ Datasheet
330Kb / 13P
Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
More results


Similar Description - HFA1412IB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC407 NSC-CLC407 Datasheet
328Kb / 8P
Low-Cost, Low-Power Programmable Gain Buffer with Disable
logo
Intersil Corporation
HFA1113 INTERSIL-HFA1113 Datasheet
252Kb / 17P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
February 1999
HFA1212 INTERSIL-HFA1212 Datasheet
90Kb / 10P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
September 1998
logo
National Semiconductor ...
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
Dual Low-Power, Programmable Gain Buffer
logo
Intersil Corporation
HFA1112883 INTERSIL-HFA1112883 Datasheet
446Kb / 18P
Ultra High Speed Programmable Gain Buffer Amplifier
June 1994
HFA1113 INTERSIL-HFA1113_05 Datasheet
490Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
HFA1212 INTERSIL-HFA1212_04 Datasheet
198Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
HFA1412 INTERSIL-HFA1412_06 Datasheet
330Kb / 13P
Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
logo
Renesas Technology Corp
HFA1113 RENESAS-HFA1113 Datasheet
955Kb / 16P
850MHz, Low Distortion, Output Limiting, Programmable Gain, Buffer Amplifier
July 11, 2005
HFA1212 RENESAS-HFA1212 Datasheet
204Kb / 12P
Dual 350MHz, Low Power Closed Loop Buffer Amplifier
July 2004
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com