Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI1179JCQ Datasheet (PDF) - Renesas Technology Corp

HI1179JCQ Datasheet PDF - Renesas Technology Corp
Part # HI1179JCQ
Download  HI1179JCQ Download
File Size   721.64 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 35 MSPS, Video A/D Converter

HI1179JCQ Datasheet (PDF)

Go To PDF Page Download Datasheet
HI1179JCQ Datasheet PDF - Renesas Technology Corp

Part # HI1179JCQ
Download  HI1179JCQ Click to download

File Size   721.64 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 8-Bit, 35 MSPS, Video A/D Converter

HI1179JCQ Datasheet (HTML) - Renesas Technology Corp


HI1179JCQ Product details

Features
• Resolution 8-Bit . . . . . . . . . . . . . . . . . . 0.5 LSB (DNL)
• ENOB at fIN = 1MHz . . . . . . . . . . . . . . . . . . . . . . 7.6 Bits
• Maximum Sampling Frequency . . . . . . . . . . . 35 MSPS
• Low Power Consumption 80mW (at 35 MSPS Typ)
(Reference Current Excluded)
• Built-In Input Clamp Function (DC Restore)
• No Sample/Hold Required
• Internal Voltage Reference
• Input CMOS Compatible
• Three-State TTL Compatible Output
• Single Power Supply . . . . . . . . . . . . . . . . . . . . . . . . +5V
• Low Input Capacitance (Typ) . . . . . . . . . . . . . . . . . . 8pF
• Reference Impedance (Typ) . . . . . . . . . . . . . . . . . . 330
• Direct Replacement for Sony CXD1179




Similar Part No. - HI1179JCQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI1179JCQ INTERSIL-HI1179JCQ Datasheet
117Kb / 14P
8-Bit, 35 MSPS, Video A/D Converter
August 1997
HI1179JCQ INTERSIL-HI1179JCQ Datasheet
303Kb / 15P
8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
More results


Similar Description - HI1179JCQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CX20206 SONY-CX20206 Datasheet
281Kb / 16P
8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
CXA1106P SONY-CXA1106P Datasheet
350Kb / 19P
8-BIT 35 MSPS HIGH-SPEED D/A CONVERTER
CXA1260Q SONY-CXA1260Q Datasheet
328Kb / 16P
8 BIT 35 MSPS RGB 3-CHANNEL D/A CONVERTER
logo
Fairchild Semiconductor
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
logo
ELAN Microelectronics C...
EM19100 EMC-EM19100 Datasheet
104Kb / 6P
8-BIT 20 MSPS VIDEO A/D CONVERTER (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
8-Bit, 35 MSPS, Video A/D Converter
August 1997
HI1179 INTERSIL-HI1179_05 Datasheet
303Kb / 15P
8-Bit, 35 MSPS, Video A/D Converter
October 25, 2005
logo
Cadeka Microcircuits LL...
TMC1175A CADEKA-TMC1175A Datasheet
467Kb / 18P
Video A/D Converter 8 bit, 40 Msps
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com