Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HI5703 Datasheet (PDF) - Renesas Technology Corp

HI5703 Datasheet PDF - Renesas Technology Corp
Part # HI5703
Download  HI5703 Download
File Size   879.03 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Bit, 40 MSPS A/D Converter

HI5703 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI5703 Datasheet PDF - Renesas Technology Corp

Part # HI5703
Download  HI5703 Click to download

File Size   879.03 Kbytes
Page   18 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 10-Bit, 40 MSPS A/D Converter

HI5703 Datasheet (HTML) - Renesas Technology Corp


HI5703 Product details

Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 40 MSPS
• 8.55 Bits Guaranteed at fIN = 10MHz
• Low Power
• Wide Full Power Input Bandwidth . . . . . . . . . . . . 250MHz
• On Chip Sample and Hold
• Fully Differential or Single-Ended Analog Input
• Single Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . .+5V
• TTL Compatible Interface
• 3.3V Digital Outputs Available
Applications
• Professional Video Digitizing
• Medical Imaging
• Digital Communication Systems
• High Speed Data Acquisition
• Additional Reference Documents
- AN9534 Using the HI5703 Evaluation Board
- AN9413 Driving the Analog Input of the HI5702
- AN9214 Using Intersil High Speed A/D Converters




Similar Part No. - HI5703

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5703EVAL INTERSIL-HI5703EVAL Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5703KCB INTERSIL-HI5703KCB Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
More results


Similar Description - HI5703

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9040A AD-AD9040A Datasheet
192Kb / 12P
10-Bit 40 MSPS A/D Converter
REV.B
AD9050 AD-AD9050 Datasheet
151Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV.B
logo
Intersil Corporation
HI5702 INTERSIL-HI5702 Datasheet
94Kb / 14P
10-Bit, 40 MSPS A/D Converter
August 1997
HI5703 INTERSIL-HI5703 Datasheet
181Kb / 18P
10-Bit, 40 MSPS A/D Converter
November 1998
HI5746 INTERSIL-HI5746 Datasheet
145Kb / 17P
10-Bit, 40 MSPS A/D Converter
February 1999
logo
Cadeka Microcircuits LL...
CDK1305 CADEKA-CDK1305 Datasheet
1Mb / 12P
10-bit, 40 MSPS 175mW A/D Converter
CDK1306 CADEKA-CDK1306 Datasheet
1Mb / 11P
10-bit, 40 MSPS 160mW A/D Converter
SPT7864 CADEKA-SPT7864 Datasheet
148Kb / 8P
10-BIT, 40 MSPS A/D CONVERTER
logo
Analog Devices
AD9040A AD-AD9040A_15 Datasheet
298Kb / 16P
10-Bit 40 MSPS A/D Converter
REV. D
AD9050 AD-AD9050_15 Datasheet
154Kb / 12P
10-Bit, 40 MSPS/60 MSPS A/D Converter
REV. B
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com