Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS8535I-21 Datasheet (PDF) - Renesas Technology Corp

ICS8535I-21 Datasheet PDF - Renesas Technology Corp
Part # ICS8535I-21
Download  ICS8535I-21 Download
File Size   913.51 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO3.3V LVPECL CLOCK GENERATOR

ICS8535I-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS8535I-21 Datasheet PDF - Renesas Technology Corp

Part # ICS8535I-21
Download  ICS8535I-21 Click to download

File Size   913.51 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO3.3V LVPECL CLOCK GENERATOR

ICS8535I-21 Datasheet (HTML) - Renesas Technology Corp


ICS8535I-21 Product details

General Description
The ICS8535I-21 is a low skew, high performance
1-to-2 LVCMOS/LVTTL-to-3.3V LVPECL fanout
buffer and a member of the HiPerClockS™ family of
High Performance Clock Solutions from IDT. The
ICS8535I-21 has two single-ended clock inputs. The
single-ended clock input accepts LVCMOS or LVTTL input levels
and translate them to 3.3V LVPECL levels. The clock enable is
internally synchronized to eliminate runt clock pulses on the output
during asynchronous assertion/deassertion of the clock enable
pin.
Guaranteed output and part-to-part skew characteristics make the
ICS8535I-21 ideal for those applications demanding well defined
performance and repeatability.
Features
• Two differential 3.3V LVPECL outputs
• Selectable CLK0 or CLK1 inputs for redundant and multiple
frequency fanout applications
• CLK0 or CLK1 can accept the following input levels:
LVCMOS or LVTTL
• Maximum output frequency: 266MHz
• Translates LVCMOS and LVTTL levels to 3.3V LVPECL levels
• Output skew: 20ps (maximum)
• Part-to-part skew: 300ps (maximum)
• Propagation delay: 1.6ns (maximum)
• Additive phase jitter, RMS: 0.03ps (typical)
• 3.3V operating supply
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS8535I-21

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
More results


Similar Description - ICS8535I-21

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87946-01 ICST-ICS87946-01 Datasheet
159Kb / 13P
LVPECL-TO-LVCMOS/LVTTL CLOCK GENERATOR
REV. A JANUARY 2, 2002
logo
Integrated Device Techn...
87974I IDT-87974I Datasheet
245Kb / 16P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
8535-21 IDT-8535-21 Datasheet
394Kb / 15P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
87016 IDT-87016 Datasheet
271Kb / 17P
Low Skew LVCMOS/LVTTL Clock Generator
ICS8535I-21 IDT-ICS8535I-21 Datasheet
762Kb / 14P
LOW SKEW, 1-TO-2 LVCMOS/LVTTL-TO- 3.3V LVPECL CLOCK GENERATOR
logo
Renesas Technology Corp
8535-21 RENESAS-8535-21 Datasheet
587Kb / 16P
Low Skew, 1-to-2 LVCMOS/ LVTTL-to-3.3V LVPECL CLock Generator
December 8, 2015
87016 RENESAS-87016 Datasheet
865Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
01/21/20
87016I RENESAS-87016I Datasheet
898Kb / 16P
Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
87974I RENESAS-87974I Datasheet
440Kb / 17P
Low Skew, 1-to-15, LVCMOS/LVTTL Clock Generator
January 26, 2016
8701 RENESAS-8701 Datasheet
373Kb / 14P
Low Skew, ÷1, ÷2 LVCMOS/LVTTL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com