Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S9252I Datasheet (PDF) - Renesas Technology Corp

ICS853S9252I Datasheet PDF - Renesas Technology Corp
Part # ICS853S9252I
Download  ICS853S9252I Download
File Size   695.13 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V, 3.3V ECL/LVPECL Clock/Data Fanout Buffer

ICS853S9252I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS853S9252I Datasheet PDF - Renesas Technology Corp

Part # ICS853S9252I
Download  ICS853S9252I Click to download

File Size   695.13 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V, 3.3V ECL/LVPECL Clock/Data Fanout Buffer

ICS853S9252I Datasheet (HTML) - Renesas Technology Corp


ICS853S9252I Product details

General Description
The ICS853S9252I is a 2.5V/3.3V ECL/LVPECL fanout buffer
designed for high-speed, low phase-noise wireless infrastructure
applications. The device fanouts a differential input signal to two
ECL/LVPECL outputs. Optimized for low additive phase-noise,
sub-100ps output rise and fall times, low output skew and
high-frequencies, the ICS853S9252I is an effective solution for
high-performance clock and data distribution applications, for
instance driving the reference clock inputs of ADC/DAC circuits.
Internal input termination, a bias voltage output (VREF) for
AC-coupling and small packaging (3.0mm x 3.0mm 16-lead VFQFN)
supports space-efficient board designs.
The ICS853S9252I operates from a full 2.5V or 3.3V power supply
and supports the industrial temperature range of -40°C to 85°C. The
extended temperature range also supports wireless infrastructure,
tele-communication and networking end equipment requirements.
Features
• 1:2 differential clock/data fanout buffer
• Clock frequency: 3GHz (maximum)
• Two differential 2.5V/3.3V ECL/LVPECL clock output
• Differential input accepts ECL/LVPECL, LVDS and CML levels
• Additive phase jitter, RMS @ 122.88MHz: 45fs (typical)
• Propagation delay: 175ps (maximum), VCC = 3.3V
• Output rise/fall time: 135ps (maximum), VCC = 3.3V
• Internal input signal termination
• Supply voltage: 2.5V-5% to 3.3V+10%
• Lead-free (RoHS 6) packaging
• -40°C to 85°C ambient operating temperature




Similar Part No. - ICS853S9252I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S9252I IDT-ICS853S9252I Datasheet
402Kb / 21P
2.5V, 3.3V ECL/LVPECL Clock/Data Fanout Buffer
More results


Similar Description - ICS853S9252I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
REV. A AUGUST 18, 2004
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
ON Semiconductor
NB6L611 ONSEMI-NB6L611 Datasheet
146Kb / 9P
2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
December, 2006 ??Rev. 0
logo
Micrel Semiconductor
SY10EP11U MICREL-SY10EP11U Datasheet
512Kb / 10P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
ICS853S9252I IDT-ICS853S9252I Datasheet
402Kb / 21P
2.5V, 3.3V ECL/LVPECL Clock/Data Fanout Buffer
logo
Integrated Circuit Syst...
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com