Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS858S011I Datasheet (PDF) - Renesas Technology Corp

ICS858S011I Datasheet PDF - Renesas Technology Corp
Part # ICS858S011I
Download  ICS858S011I Download
File Size   677.83 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-To-2, Differential-To-CML Fanout Buffer

ICS858S011I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS858S011I Datasheet PDF - Renesas Technology Corp

Part # ICS858S011I
Download  ICS858S011I Click to download

File Size   677.83 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Skew, 1-To-2, Differential-To-CML Fanout Buffer

ICS858S011I Datasheet (HTML) - Renesas Technology Corp


ICS858S011I Product details

Description
The ICS858S011I is a high-speed 1-to-2 Differential-to-CML Fanout
Buffer. The device is optimized for high-speed and very low output
skew, making it suitable for use in demanding applications such as
SONET, 1 Gigabit and 10 Gigabit Ethernet, and Fibre Channel. The
internally terminated differential input and VREF_AC pin allow other
differential signal families such as LVDS, LVPECL, SSTL, and CML
to be easily interfaced to the input with minimal use of external
components.
The ICS858S011I is packaged in a small 3mm x 3mm 16-pin VFQFN
package which makes it ideal for use in space-constrained
applications.
Features
• Two differential CML outputs
• IN/nIN pair can accept the following differential input levels:
LVPECL, LVDS, CML, SSTL
• Maximum output frequency: 2GHz
• Output skew: 25ps (maximum)
• Part-to-part skew: 250ps (maximum)
• Additive phase jitter, RMS: 0.042ps (typical)
• Propagation delay: 525ps (maximum)
• Operating voltage supply range:
VCC = 2.375V to 3.63V, VEE = 0V
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS858S011I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS858S011I IDT-ICS858S011I Datasheet
375Kb / 14P
Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
More results


Similar Description - ICS858S011I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85411 ICST-ICS85411 Datasheet
189Kb / 13P
Low Skew, 1-TO-2 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
REV. B JUNE 16, 2004
ICS85211BI-03 ICST-ICS85211BI-03 Datasheet
163Kb / 14P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-LVHSTL FANOUT BUFFER
REV. B NOVEMBER 15, 2005
ICS85211I-01 ICST-ICS85211I-01 Datasheet
163Kb / 13P
LOW SKEW, 1-TO-2 DIFFERENTIAL-TO-HSTL FANOUT BUFFER
REV. A NOVEMBER 1, 2005
logo
Integrated Device Techn...
ICS858020 IDT-ICS858020 Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
ICS858S011I IDT-ICS858S011I Datasheet
375Kb / 14P
Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
logo
Renesas Technology Corp
85211BI-03 RENESAS-85211BI-03 Datasheet
489Kb / 16P
Low Skew, 1-to-2, Differential-to-LVHSTL Fanout Buffer
March 11, 2016
85211I-01 RENESAS-85211I-01 Datasheet
299Kb / 15P
Low Skew, 1-to-2 Differential-to-HSTL Fanout Buffer
6/12/15
85411 RENESAS-85411 Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
85411I RENESAS-85411I Datasheet
386Kb / 16P
Low Skew, 1-to-2 Differential-to-LVDS Fanout Buffer
January 20, 2016
IDT85S4011I RENESAS-IDT85S4011I Datasheet
605Kb / 15P
Low Skew, 1-to-2, Differential-to-CML Fanout Buffer
September 21, 2017
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com