Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS859S0424I Datasheet (PDF) - Renesas Technology Corp

ICS859S0424I Datasheet PDF - Renesas Technology Corp
Part # ICS859S0424I
Download  ICS859S0424I Download
File Size   1115.32 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:4 Differential-to-LVPECL/LVDS Clock Multiplexer

ICS859S0424I Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS859S0424I Datasheet PDF - Renesas Technology Corp

Part # ICS859S0424I
Download  ICS859S0424I Click to download

File Size   1115.32 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4:4 Differential-to-LVPECL/LVDS Clock Multiplexer

ICS859S0424I Datasheet (HTML) - Renesas Technology Corp


ICS859S0424I Product details

General Description
The ICS859S0424I is a 4:4 Differential-to-LVPECL/ LVDS Clock
Multiplexer which can operate up to 3GHz. The outputs for this
device can either be programmed to give LVPECL or LVDS levels.
The ICS859S0424I has four selectable differential PCLKx, nPCLKx
clock inputs. The PCLKx, nPCLKx input pairs can accept LVPECL,
LVDS or CML levels. The fully differential architecture and low
propagation delay make it ideal for use in clock distribution circuits.
Features
• High speed 4:1 differential multiplexer with a 1:4 fanout buffer
• Four programmable differential LVPECL or LVDS output pairs
• Four selectable differential PCLKx, nPCLKx input pairs
• PCLKx, nPCLKx pairs can accept the following differential
input levels: LVPECL, LVDS, CML
• Maximum output frequency: 3GHz
• Translates any single ended input signal to LVPECL levels with
resistor bias on nPCLKx inputs
• Part-to-part skew: 100ps (maximum)
• Propagation delay: 555ps (typical) @ 3.3V
• Additive phase jitter, RMS: 0.22ps (typical) @ 3.3V
• Full 3.3V or 2.5V supply modes
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package




Similar Part No. - ICS859S0424I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
Four programmable differential LVPECL or LVDS output pairs
More results


Similar Description - ICS859S0424I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85357-01 ICST-ICS85357-01 Datasheet
120Kb / 12P
4:1 OR 2:1 DIFFERENTIAL-TO-3.3V LVPECL / ECL CLOCK MULTIPLEXER
REV. A JULY 16, 2001
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A APRIL 8, 2004
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
REV. A MARCH 29, 2006
logo
Renesas Technology Corp
853S057 RENESAS-853S057 Datasheet
696Kb / 16P
4:1, Differential-To-3.3V, 2.5V LVPECL/ECL Clock Data Multiplexer
AUGUST 13, 2021
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
4:1 Differential-to-LVDS Clock Multiplexer
2019
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
8:1 Differential-to-LVDS Clock Multiplexer
2019
ICS859S0212I RENESAS-ICS859S0212I Datasheet
1Mb / 24P
2:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
ICS859S0412I RENESAS-ICS859S0412I Datasheet
1Mb / 24P
4:2, Differential-to-LVPECL/LVDS Clock Multiplexer
2019
87354 RENESAS-87354 Datasheet
359Kb / 16P
÷4/÷5 Differential-to-3.3V LVPECL Clock Generator
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com