Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS12DBFAMILYPP Datasheet (PDF) - NXP Semiconductors

HCS12DBFAMILYPP Datasheet PDF - NXP Semiconductors
Part # HCS12DBFAMILYPP
Download  HCS12DBFAMILYPP Download
File Size   797.11 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HCS12DB Family Product Proposal

HCS12DBFAMILYPP Datasheet (PDF)

Go To PDF Page Download Datasheet
HCS12DBFAMILYPP Datasheet PDF - NXP Semiconductors

Part # HCS12DBFAMILYPP
Download  HCS12DBFAMILYPP Click to download

File Size   797.11 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description HCS12DB Family Product Proposal

HCS12DBFAMILYPP Datasheet (HTML) - NXP Semiconductors


HCS12DBFAMILYPP Product details

Features
• 16-bit CPU12
– Upward compatible with M68HC11 instruction set
– Interrupt stacking and programmer’s model identical to M68HC11
– 20-bit ALU
– Instruction queue
– Enhanced indexed addressing
• Multiplexed bus
– Single chip or expanded
– 16 address/16 data wide or 16 address/8 data narrow modes
– External address space 1 MB for data and program space (112 pin
package only)
• Wake-up interrupt inputs depending on the package option
– 8-bit port H
– 4-bit port J
– 8-bit port shared with PWM/SPI
• Memory options
– 64K, 128K Byte Flash EEPROM
– 2K Byte EEPROM
– 8K Byte RAM
• One or Two analog-to-digital converters (ATD)
– 1 or 2 times 8-channels, 10-bit resolution depending on the package
option
– External conversion trigger capability
• Up to two 1 M bit per second, CAN 2.0 A, B software compatible
modules
– Five receive and three transmit buffers
– Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or
8 x 8 bit
– Four separate interrupt channels for Rx, Tx, error and wake-up
– Low-pass filter wake-up function
– Loop-back for self test operation
• Enhanced Capture Timer (ECT)
– 16-bit main counter with 7-bit prescaler
– 8 programmable input capture or output compare channels; 4 of the
8 input captures with buffer
– Input capture filters and buffers, three successive captures on four
channels, or two captures on four channels with a capture/compare
selectable on the remaining four
– Four 8-bit or two 16-bit pulse accumulators
– 16-bit modulus down-counter with 4-bit prescaler
– Four user-selectable delay counters for signal filtering




Similar Part No. - HCS12DBFAMILYPP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
224Kb / 2P
HCS12 Document Methodology
logo
Freescale Semiconductor...
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
HCS12 Microcontrollers
logo
NXP Semiconductors
HCS12 NXP-HCS12 Datasheet
7Mb / 126P
HCS12 Microcontrollers
V01.09 9 SEP 2004
HCS12 NXP-HCS12 Datasheet
7Mb / 548P
The HCS12 V1.5 Core is a 16-bit processing core using the 68HC12 instruction set architecture (ISA).
Version 1.2
More results


Similar Description - HCS12DBFAMILYPP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CXD9450 ETC-CXD9450 Datasheet
114Kb / 16P
Single-Chip FaxEngine Product Family
logo
Broadcom Corporation.
INTENSI-FI BOARDCOM-INTENSI-FI Datasheet
157Kb / 2P
DRAFT-802.11n PRODUCT FAMILY
logo
Motorola, Inc
MC9S12DB MOTOROLA-MC9S12DB Datasheet
758Kb / 12P
HCS12DB Family Product Proposal
logo
List of Unclassifed Man...
SH8M08GBATCEBAA01 ETC2-SH8M08GBATCEBAA01 Datasheet
1,008Kb / 2P
e?줞MCTM Product Family
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
Product family data sheet
Rev 11A
logo
VTI technologies
SCA3100-D04-1 VTI-SCA3100-D04-1 Datasheet
936Kb / 43P
Product Family Specification
logo
List of Unclassifed Man...
AT25DF256 ETC2-AT25DF256 Datasheet
437Kb / 7P
Bios Flash Product Family
logo
Infineon Technologies A...
TDA21231 INFINEON-TDA21231_15 Datasheet
1Mb / 19P
DrMOS Product Family
2015-04-23,Rev.2.0
logo
Xilinx, Inc
XA2S200E-6FT256Q XILINX-XA2S200E-6FT256Q Datasheet
141Kb / 6P
Automotive XA Product Family
logo
Samsung semiconductor
KLMAG2GEND-B031 SAMSUNG-KLMAG2GEND-B031 Datasheet
404Kb / 27P
e쨌MMC Product family
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com