Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS87931I-147 Datasheet (PDF) - Renesas Technology Corp

ICS87931I-147 Datasheet PDF - Renesas Technology Corp
Part # ICS87931I-147
Download  ICS87931I-147 Download
File Size   386.17 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER

ICS87931I-147 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS87931I-147 Datasheet PDF - Renesas Technology Corp

Part # ICS87931I-147
Download  ICS87931I-147 Click to download

File Size   386.17 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER

ICS87931I-147 Datasheet (HTML) - Renesas Technology Corp


ICS87931I-147 Product details

GENERAL DESCRIPTION
The ICS87931I-147 is a low voltage, low skew LVCMOS/LVTTL
Clock Multiplier/Zero Delay Buffer. With output frequencies up
to 240MHz, the ICS87931I is targeted for high performance
clock applications. Along with a fully integrated PLL, the
ICS87931I-147 contains frequency configurable outputs and
an external feedback input for regenerating clocks with “zero
delay”.
Selectable clock inputs, CLK1 and differential CLK0, nCLK0
support redundant clock applications. The CLK_SEL input
determines which reference clock is used. The output divider
values of Bank A, B and C are controlled by the DIV_SELA,
DIV_SELB and DIV_SELC, respectively.
For test and system debug purposes, the PLL_SEL input allows the PLL to be bypassed. When LOW, the nMR input resets the internal dividers and forces the outputs to the high
impedance state.
The effective fanout of the ICS87931I-147 can be increased to
12 by utilizing the ability of each output to drive two series terminated transmission lines.
FEATURES
• Fully integrated PLL
• Six LVCMOS/LVTTL outputs, 7Ω typical output impedance
• Selectable differential CLK0, nCLK0 or LVCMOS/LVTTL clock
for redundant clock applications
• Maximum output frequency: 240MHz
• VCO range: 220MHz to 480MHz
• External feedback for “zero delay” clock regeneration
• Output skew: 165ps (maximum)
• Cycle-to-cycle jitter: 45ps (maximum)
• 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in both standard (RoHS 5) and lead-free (RoHS 6)
packages




Similar Part No. - ICS87931I-147

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
More results


Similar Description - ICS87931I-147

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS87973I-147 ICST-ICS87973I-147 Datasheet
287Kb / 10P
LOW SKEW, 1-TO-12 LVCMOS / LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A AUGUST 26, 2003
ICS87931I ICST-ICS87931I Datasheet
166Kb / 14P
LOW SKEW, 1-TO-6 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
REV. A JUNE 23, 2003
logo
Integrated Device Techn...
ICS87973I-147 IDT-ICS87973I-147 Datasheet
1Mb / 19P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
ICS87972I IDT-ICS87972I Datasheet
165Kb / 17P
LOW SKEW, 1-TO-12 LVCMOS/LVTTL CLOCK MULTIPLIER/ZERO DELAY BUFFER
87972I-147 IDT-87972I-147 Datasheet
219Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
87973I-147 IDT-87973I-147_16 Datasheet
467Kb / 20P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
logo
Renesas Technology Corp
87972I-147 RENESAS-87972I-147 Datasheet
414Kb / 19P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
87972I RENESAS-87972I Datasheet
384Kb / 18P
Low Skew, 1-to-12 LVCMOS/LVTTL Clock Multiplier/Zero Delay Buffer
January 25, 2016
87973I-147 RENESAS-87973I-147 Datasheet
663Kb / 21P
Low Skew, 1-to-12 LVCMOS/ LVTTL Clock Multiplier/ Zero Delay Buffer
June 28, 2016
87973 RENESAS-87973 Datasheet
432Kb / 18P
Low Skew, 1-to-12 LVCMOS / LVTTL Clock Multiplier/Zero Delay Buffer
December 7, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com