| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
2N7002BKT
|
361Kb / 16P |
60 V, 290 mA N-channel Trench MOSFET
Rev. 1-15 June 2010 |
|
BSS138P
|
181Kb / 16P |
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-2 November 2010 |
|
2N7002
|
159Kb / 13P |
60 V, 300 mA N-channel Trench MOSFET
Rev. 7-8 September 2011 |
|
2N7002BKW
|
164Kb / 16P |
60 V, 310 mA N-channel Trench MOSFET
Rev. 1-17 June 2010 |
|
2N7002BKW
|
164Kb / 16P |
60 V, 310 mA N-channel Trench MOSFET
Rev. 1-17 June 2010 |
|
2N7002BKM
|
356Kb / 16P |
60 V, 450 mA N-channel Trench MOSFET
Rev. 1-25 October 2010 |
|
BSS138BK
|
865Kb / 16P |
60 V, 360 mA N-channel Trench MOSFET
Rev. 1-4 August 2011 |
 Nexperia B.V. All right... |
2N7002BKW
|
724Kb / 16P |
60 V, 310 mA N-channel Trench MOSFET
Rev. 1 - 17 June 2010 |
|
BSS138P
|
742Kb / 16P |
60 V, 360 mA N-channel Trench MOSFET
Rev. 1 - 2 November 2010 |
|
2N7002PT
|
430Kb / 17P |
60 V, 310 mA N-channel Trench MOSFET
Rev. 1 - 2 July 2010 |