Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PUMD2-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMD2-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMD2-Q
Download  PUMD2-Q Download
File Size   252.17 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ

PUMD2-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMD2-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMD2-Q
Download  PUMD2-Q Click to download

File Size   252.17 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ

PUMD2-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMD2-Q Product details

1. General description
NPN/PNP Resistor-Equipped double Transistor (RET) in a very small SOT363 (SC-88) Surface-
Mounted Device (SMD) plastic package.
NPN/NPN complement: PUMH1-Q
PNP/PNP complement: PUMB1

2. Features and benefits
• 100 mA output current capability
• Built-in bias resistors
• Simplifies circuit design
• Reduces component count
• Reduces pick and place costs
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Low current peripheral driver
• Controlling IC inputs
• Replaces general-purpose transistors in digital applications




Similar Part No. - PUMD2-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PUMD2-QH NEXPERIA-PUMD2-QH Datasheet
1Mb / 19P
NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 14 November 2013
PUMD2-QX NEXPERIA-PUMD2-QX Datasheet
1Mb / 19P
NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 14 November 2013
PUMD2-QZ NEXPERIA-PUMD2-QZ Datasheet
1Mb / 19P
NPN/PNP resistor-equipped transistors; R1 = 22 k, R2 = 22 k
Rev. 8 - 14 November 2013
More results


Similar Description - PUMD2-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTA124ET-Q NEXPERIA-PDTA124ET-Q Datasheet
215Kb / 11P
50 V, 100 mA PNP resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
11 January 2023
PDTC124EM NEXPERIA-PDTC124EM Datasheet
230Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
27 October 2022
PIMD2 NEXPERIA-PIMD2 Datasheet
257Kb / 14P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ
13 March 2023
PUMD16-Q NEXPERIA-PUMD16-Q Datasheet
238Kb / 11P
50 V, 100 mA NPN/PNP resistor-equipped double transistor; R1 = 22 kΩ, R2 = 47 kΩ
8 March 2023
PUMD24 NEXPERIA-PUMD24 Datasheet
262Kb / 12P
50 V, 20 mA NPN/PNP resistor-equipped double transistor; R1 = 100 kΩ, R2 = 100 kΩ
31 March 2023
PUMH1-Q NEXPERIA-PUMH1-Q Datasheet
236Kb / 12P
NPN/NPN resistor-equipped double transistor; R1 = 22 kΩ, R2 = 22 kΩ
14 November 2022
PUMH16 NEXPERIA-PUMH16 Datasheet
222Kb / 10P
50 V, 100 mA NPN/NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 47 kΩ
31 March 2023
PDTC124ET NEXPERIA-PDTC124ET Datasheet
243Kb / 13P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
13 October 2022
PDTC124EU-Q NEXPERIA-PDTC124EU-Q Datasheet
227Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
7 March 2022
PDTC124ET-Q NEXPERIA-PDTC124ET-Q Datasheet
228Kb / 12P
50 V, 100 mA NPN resistor-equipped transistor; R1 = 22 kΩ, R2 = 22 kΩ
5 January 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com