Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DC4617SQ Datasheet (PDF) - Diodes Incorporated

2DC4617SQ Datasheet PDF - Diodes Incorporated
Part # 2DC4617SQ
Download  2DC4617SQ Download
File Size   405.95 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 50V NPN SMALL SIGNAL TRANSISTOR IN SOT523

2DC4617SQ Datasheet (PDF)

Go To PDF Page Download Datasheet
2DC4617SQ Datasheet PDF - Diodes Incorporated

Part # 2DC4617SQ
Download  2DC4617SQ Click to download

File Size   405.95 Kbytes
Page   7 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 50V NPN SMALL SIGNAL TRANSISTOR IN SOT523

2DC4617SQ Datasheet (HTML) - Diodes Incorporated


2DC4617SQ Product details

Features
• BVCEO > 50V
• IC = 150mA High Collector Current
• Ultra-Small Surface Mount Package
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen- and Antimony- Free. “Green” Device (Note 3)
• The 2DC4617SQ is suitable for automotive applications requiring specific change control; this part is AEC-Q101 qualified, PPAP capable, and manufactured in IATF16949 certified facilities.

Mechanical Data
• Case: SOT523
• Case Material: Molded Plastic. “Green” Molding Compound.
UL Flammability Rating 94V-0
• Moisture Sensitivity: Level 1 per J-STD-020
• Terminals: Finish - Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
• Weight: 0.002 grams (Approximate)




Similar Part No. - 2DC4617SQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DC4617S DIODES-2DC4617S Datasheet
46Kb / 2P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 4 - 2
2DC4617S DIODES-2DC4617S Datasheet
347Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 8 - 2
2DC4617S-7-F DIODES-2DC4617S-7-F Datasheet
347Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30252 Rev. 8 - 2
2DC4617S-7-F DIODES-2DC4617S-7-F Datasheet
110Kb / 3P
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
More results


Similar Description - 2DC4617SQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DC4617QLP DIODES-2DC4617QLP_11 Datasheet
136Kb / 5P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
DN0150ALP4 DIODES-DN0150ALP4_11 Datasheet
97Kb / 5P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 4
2DC2412R DIODES-2DC2412R_15 Datasheet
190Kb / 6P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev 3
2DC4617QLP DIODES-2DC4617QLP_15 Datasheet
352Kb / 5P
50V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 5
DN0150ALP4 DIODES-DN0150ALP4_15 Datasheet
294Kb / 5P
50V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
DP0150ALP4 DIODES-DP0150ALP4_15 Datasheet
290Kb / 5P
50V PNP SMALL SIGNAL TRANSISTOR IN DFN1006
Rev 7
DDTCEE DIODES-DDTCEE Datasheet
551Kb / 10P
NPN PRE-BIASED TRANSISTOR IN SOT523
Rev. 16 - 2 April 2021
2DA1774QQ DIODES-2DA1774QQ Datasheet
628Kb / 5P
60V PNP SMALL SIGNAL TRANSISTOR IN SOT523
December 2021 Rev. 1 - 2
BC847BTQ DIODES-BC847BTQ Datasheet
493Kb / 6P
45V NPN SMALL SIGNAL TRANSISTOR IN SOT523
July 2019 Rev. 1 - 2
2DC2412R DIODES-2DC2412R_V01 Datasheet
195Kb / 6P
50V NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 3 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com