Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV324A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LMV324A Datasheet PDF - Texas Instruments
Part # LMV324A
Download  LMV324A Download
File Size   2289.91 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers

LMV324A Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV324A Datasheet PDF - Texas Instruments

Part # LMV324A
Download  LMV324A Click to download

File Size   2289.91 Kbytes
Page   45 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers

LMV324A Datasheet (HTML) - Texas Instruments


LMV324A Product details

1 Features
• AEC-Q100 qualified for automotive applications
– Temperature grade 1: –40°C to +125°C, TA
– Device HBM ESD classification level 2
– Device CDM ESD classification level C6
• Low input offset voltage: ±1 mV
• Rail-to-rail output
• Unity-gain bandwidth: 1 MHz
• Low broadband noise: 30 nV/√ Hz
• Low input bias current: 10 pA
• Low quiescent current: 70 μA/Ch
• Unity-gain stable
• Internal RFI and EMI filter
• Operational at supply voltages as low as 2.5 V
• Easier to stabilize with higher capacitive load due
to resistive open-loop output impedance
• Extended temperature range: –40°C to 125°C

2 Applications
• Optimized for AEC-Q100 grade 1 applications
• Infotainment and cluster
• Passive safety
• Body electronics and lighting
• HEV/EV inverter and motor control
• On-board (OBC) and wireless charger
• Powertrain current sensor
• Advanced driver assistance systems (ADAS)
• Single-supply, low-side, unidirectional currentsensing
circuit

3 Description
The LMV3xxA-Q1 family includes single (LMV321AQ1),
dual (LMV358A-Q1), and quad-channel
(LMV324A-Q1) low-voltage (2.5 V to 5.5 V)
automotive operational amplifiers (op amps) with
rail-to-rail output swing capabilities. These op amps
provide a cost-effective method for space-constrained
applications such as infotainment and lighting where
low-voltage operation and high capacitive-load drive
are required. The capacitive-load drive of the
LMV3xxA-Q1 family is 500 pF, and the resistive openloop
output impedance makes stabilization easier with
much higher capacitive loads. These op amps are
designed specifically for low-voltage operation (2.5 V
to 5.5 V) with performance specifications similar to the
LMV3xx-Q1 devices.
The robust design of the LMV3xxA-Q1 family
simplifies circuit design. The op amps feature unitygain
stability, an integrated RFI and EMI rejection
filter, and no-phase reversal in overdrive conditions.
The LMV3xxA-Q1 family is available in industrystandard
packages such as SOIC, MSOP, SOT-23,
and TSSOP packages.




Similar Part No. - LMV324A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV324A TI1-LMV324A Datasheet
1Mb / 37P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV324A TI1-LMV324A Datasheet
1Mb / 38P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
LMV324A TI1-LMV324A Datasheet
2Mb / 45P
Low-Voltage Rail-to-Rail Output Operational Amplifiers
logo
3PEAK INC.
LMV324A 3PEAK-LMV324A Datasheet
1Mb / 19P
80μA, 1.0MHz, Micro-Power Rail-to-Rail I/O Op Amps
Rev. A.02
logo
Texas Instruments
LMV324A TI1-LMV324A Datasheet
2Mb / 48P
LMV3xxA Low-Voltage Rail-to-Rail Output Operational Amplifiers
More results


Similar Description - LMV324A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2434A-Q1 TI-TLV2434A-Q1 Datasheet
1Mb / 35P
TLV2432-Q1, TLV2432A-Q1, TLV2434-Q1, TLV2434A-Q1 Advanced LinCMOS??RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
LMV324A-Q1 TI1-LMV324A-Q1 Datasheet
902Kb / 26P
LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
TSV912A-Q1 TI1-TSV912A-Q1 Datasheet
1Mb / 25P
TSV91xA-Q1 Automotive Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
TSV912A-Q1 TI-TSV912A-Q1_V01 Datasheet
2Mb / 35P
TSV91xA-Q1 Automotive Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
LMV324A-Q1 TI-LMV324A-Q1_V01 Datasheet
2Mb / 35P
LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
TSV912A-Q1 TI-TSV912A-Q1_V02 Datasheet
2Mb / 37P
TSV91xA-Q1 Automotive Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
LMV321A-Q1 TI-LMV321A-Q1 Datasheet
2Mb / 40P
LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
REVISED OCTOBER 2021
LMV321A-Q1 TI-LMV321A-Q1_V01 Datasheet
2Mb / 42P
LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
REVISED OCTOBER 2021
LMV321A-Q1 TI1-LMV321A-Q1_V02 Datasheet
2Mb / 42P
LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
REVISED JANUARY 2023
LMV321A-Q1 TI-LMV321A-Q1_V04 Datasheet
2Mb / 45P
LMV321A-Q1, LMV358A-Q1, LMV324A-Q1 Automotive Low-Voltage Rail-to-Rail Output Operational Amplifiers
REVISED APRIL 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com