Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT8N4SV75 Datasheet (PDF) - Renesas Technology Corp

IDT8N4SV75 Datasheet PDF - Renesas Technology Corp
Part # IDT8N4SV75
Download  IDT8N4SV75 Download
File Size   545.52 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVDS Frequency-Programmable VCXO

IDT8N4SV75 Datasheet (PDF)

Go To PDF Page Download Datasheet
IDT8N4SV75 Datasheet PDF - Renesas Technology Corp

Part # IDT8N4SV75
Download  IDT8N4SV75 Click to download

File Size   545.52 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LVDS Frequency-Programmable VCXO

IDT8N4SV75 Datasheet (HTML) - Renesas Technology Corp


IDT8N4SV75 Product details

General Description
The IDT8N4SV75 is a LVDS Frequency-Programmable VCXO with
very flexible frequency and pull-range programming capabilities. The
device uses IDT’s fourth generation FemtoClock® NG technology for
an optimum of high clock frequency and low phase noise
performance. The device accepts 2.5V or 3.3V supply and is
packaged in a small, lead-free (RoHS 6) 6-lead ceramic 5mm x 7mm
x 1.55mm package.
The device can be factory-programmed to any frequency in the
range of 15.476MHz to 866.67MHz and from 975MHz to 1,300MHz
to the very high degree of frequency precision of 218Hz or better.
The extended temperature range supports wireless infrastructure,
telecommunication and networking end equipment requirements.
Features
• Fourth generation FemtoClock® NG technology
• Programmable clock output frequency from 15.476MHz to
866.67MHz and from 975MHz to 1,300MHz
• Frequency programming resolution is 218Hz and better
• Factory-programmable VCXO pull range and control voltage
polarity
• Absolute pull-range (APR) programmable from ±4.5 to
±754.5ppm
• One 2.5V / 3.3V LVDS clock output
• Output enable control input, LVCMOS/LVTTL compatible
• RMS phase jitter @ 156.25MHz (12kHz - 20MHz):
0.53ps (typical)
• 2.5V or 3.3V supply voltage
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) 6-lead ceramic 5mm x 7mm x 1.55mm
package




Similar Part No. - IDT8N4SV75

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N4SV75 IDT-IDT8N4SV75 Datasheet
212Kb / 19P
Fourth generation FemtoClock
More results


Similar Description - IDT8N4SV75

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N3QV01 IDT-IDT8N3QV01 Datasheet
236Kb / 23P
Quad-Frequency Programmable VCXO
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
Quad-Frequency Programmable VCXO
logo
Pericom Semiconductor C...
LR-3.3V PERICOM-LR-3.3V Datasheet
273Kb / 4P
3.3V LVDS High Frequency VCXO
logo
Integrated Device Techn...
IDT8N4QV01 IDT-IDT8N4QV01_14 Datasheet
294Kb / 20P
Quad-Frequency Programmable VCXO
logo
Renesas Technology Corp
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N3QV01 RENESAS-IDT8N3QV01 Datasheet
440Kb / 24P
Quad-Frequency Programmable VCXO
MARCH 6, 2012
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
Quad-Frequency Programmable VCXO
MARCH 11, 2014
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
LVPECL Frequency-Programmable VCXO
2019
IDT8N3SV76 RENESAS-IDT8N3SV76 Datasheet
877Kb / 21P
LVPECL Frequency-Programmable VCXO
2019
IDT8N4DV85 RENESAS-IDT8N4DV85 Datasheet
932Kb / 19P
LVDS Dual-Frequency Programmable VCXO
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com