Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS3091 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
THS3091 Datasheet PDF - Texas Instruments
Part # THS3091
Download  THS3091 Download
File Size   3179.07 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers

THS3091 Datasheet (PDF)

Go To PDF Page Download Datasheet
THS3091 Datasheet PDF - Texas Instruments

Part # THS3091
Download  THS3091 Click to download

File Size   3179.07 Kbytes
Page   46 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers

THS3091 Datasheet (HTML) - Texas Instruments


THS3091 Product details

1 Features
• Low distortion:
– 84-dBc HD2 at 10 MHz, RL = 1 kΩ
– 99-dBc HD3 at 10 MHz, RL = 1 kΩ
• Low noise:
– 15-pA/√Hz noninverting current noise
– 14-pA/√Hz inverting current noise
– 1.1-nV/√Hz voltage noise
• High slew rate: 6000 V/μs (G = 5, VO = 20 VPP)
• Wide bandwidth: 305 MHz (G = 2, RL = 100 Ω)
• High output current drive: ±310 mA
• Wide supply range: ±5 V to ±16 V
• Power-down feature: THS3095 only

2 Applications
• High-voltage arbitrary waveform generators
• Pin Driver
• Power-FET drivers
• Source measurement unit (SMU)
• High capacitive load piezo element drivers

3 Description
The THS3091 and THS3095 (THS309x) are highvoltage,
low-distortion, high-speed, current-feedback
amplifiers that operate over a wide supply range
of ±5 V to ±16 V. These devices are an excellent
choice for applications that require large, linear output
signals, such as pin drivers, power-FET drivers, and
arbitrary waveform generators.
The THS3095 features a power-down pin (PD) that
puts the amplifier into a low-power standby mode, and
lowers the quiescent current from 9.5 mA to 500 μA.
The wide, 32‑V supply range, 6000‑V/μs slewrate,
and 310‑mA output current drive make the
THS309x an excellent choice for high-voltage
arbitrary-waveform-driver applications. Moreover, with
the ability to handle large voltage swings driving
into low-resistance and high-capacitance loads while
maintaining good settling time performance, these
devices are an excellent choice for pin-driver and
power-FET driver applications.
The THS309x are offered in an 8‑pin SOIC (DDA)
PowerPAD™ integrated circuit package. The THS3091
is also offered in an 8‑pin HVSSOP (DGN) package.




Similar Part No. - THS3091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI-THS3091 Datasheet
1Mb / 31P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3091 TI-THS3091 Datasheet
2Mb / 55P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3091 TI2-THS3091 Datasheet
3Mb / 46P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results


Similar Description - THS3091

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI-THS3091 Datasheet
1Mb / 31P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
High-voltage, Low-distortion, Current-feedback Operational Amplifiers
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
850MHz, Low Distortion Current Feedback Operational Amplifiers
logo
Texas Instruments
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com