Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3011AIDBVR Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV3011AIDBVR Datasheet PDF - Texas Instruments
Part # TLV3011AIDBVR
Download  TLV3011AIDBVR Download
File Size   1500.49 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference

TLV3011AIDBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3011AIDBVR Datasheet PDF - Texas Instruments

Part # TLV3011AIDBVR
Download  TLV3011AIDBVR Click to download

File Size   1500.49 Kbytes
Page   40 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference

TLV3011AIDBVR Datasheet (HTML) - Texas Instruments


TLV3011AIDBVR Product details

1 Features
• Low quiescent current: 3.1 μA (maximum, "B"
version)
• Integrated voltage reference: 1.242 V
• Input common-mode range: 200 mV beyond rails
• Voltage reference initial accuracy: 1%
• Fail-safe inputs ("B" version)
• Power-on-reset ("B" version)
• Integrated hysteresis ("B" version)
• Open drain output option (TLV3011x)
• Push-pull output option (TLV3012x)
• Fast response time: 6 uS
• Low supply voltage = 1.65 V to 5.5 V ("B" version)

2 Applications
• Lane departure warning
• Cluster
• Toll tag
• Asset tracking
• Battery management systems

3 Description
The TLV3011 is a low-power, open-drain output
comparator; the TLV3012 is a push-pull output
comparator. Both devices feature an uncommitted onchip
voltage reference and have a 5 μA (maximum)
quiescent current, an input common-mode range
200 mV beyond the supply rails, and single-supply
operation from 1.8 V to 5.5 V. The integrated 1.242
V series voltage reference offers low 100 ppm/°C
(maximum) drift, is stable with up to 10 nF capacitive
load, and can provide up to 0.5 mA (typical) of output
current.
The TLV3011B and TLV3012B "B" versions add
power-on-reset (POR), fail-safe inputs, built-in
hysteresis, a lower minimum supply voltage of 1.65
V and a 3.1 μA maximum quiescent current.
The family is available in both the tiny SOT23-6
package for space-conservative designs, and in the
SC-70 package for even greater board area savings.
All versions are specified for the temperature range of
–40°C to +125°C.




Similar Part No. - TLV3011AIDBVR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3011AIDBVR BURR-BROWN-TLV3011AIDBVR Datasheet
236Kb / 13P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3011AIDBVR BURR-BROWN-TLV3011AIDBVR Datasheet
462Kb / 16P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Texas Instruments
TLV3011AIDBVR TI2-TLV3011AIDBVR Datasheet
1Mb / 41P
TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
TLV3011AIDBVR.A TI2-TLV3011AIDBVR.A Datasheet
1Mb / 41P
TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
TLV3011AIDBVR.B TI2-TLV3011AIDBVR.B Datasheet
1Mb / 41P
TLV3011, TLV3012, TLV3011B and TLV3012B Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
More results


Similar Description - TLV3011AIDBVR

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRA124 ZETEX-ZRA124 Datasheet
133Kb / 4P
PRECISION 1.24 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Texas Instruments
TS432 TI-TS432_08 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432_08 Datasheet
184Kb / 11P
1.24 V adjustable shunt voltage reference
07-Apr-2008
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
TLV3011-EP TI1-TLV3011-EP_14 Datasheet
853Kb / 19P
NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
logo
3PEAK INC.
TP2021 3PEAK-TP2021 Datasheet
501Kb / 20P
SC70, 1.8V, Nano-power Comparators with Voltage Reference
logo
Texas Instruments
TLV3011-Q1 TI-TLV3011-Q1 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011-Q1 TI-TLV3011-Q1_V01 Datasheet
1Mb / 30P
TLV3011-Q1 and TLV3012-Q1 Low Power Comparator With Integrated 1.24V Voltage Reference
REVISED AUGUST 2022
TLV3011-Q1 TI-TLV3011-Q1_V02 Datasheet
1Mb / 39P
TLV3011-Q1, TLV3012-Q1, TLV3011B-Q1 and TLV3012B-Q1 Low-Power Comparators With Integrated 1.24 V Voltage Reference
REVISED APRIL 2023
TLV3011-EP TI-TLV3011-EP_V01 Datasheet
1Mb / 34P
TLV3011-EP and TLV3012-EP Enhanced Product Low Power Comparators With Integrated 1.24V Voltage Reference
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com