Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6208A Datasheet (PDF) - Renesas Technology Corp

ISL6208A Datasheet PDF - Renesas Technology Corp
Part # ISL6208A
Download  ISL6208A Download
File Size   555.57 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Voltage Synchronous Rectified Buck MOSFET Driver

ISL6208A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6208A Datasheet PDF - Renesas Technology Corp

Part # ISL6208A
Download  ISL6208A Click to download

File Size   555.57 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Voltage Synchronous Rectified Buck MOSFET Driver

ISL6208A Datasheet (HTML) - Renesas Technology Corp


ISL6208A Product details

Features
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Adaptive Shoot-Through Protection
- Active Gate Threshold Monitoring
- Programmable Dead-Time
• 0.5 On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency up to 2MHz
- Fast Output Rise and Fall Time
- Low Propagation Delay
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• Low Bias Supply Current (5V, 100µA)
• Diode Emulation for Efficiency and Pre-Biased Startup
• VCC POR (Power-On-Reset) Feature Integrated
• Pin-to-pin Compatible with ISL6207, ISL6208, ISL6209
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL6208A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
ISL6208ACBZ INTERSIL-ISL6208ACBZ Datasheet
353Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
ISL6208ACBZ-T INTERSIL-ISL6208ACBZ-T Datasheet
353Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
ISL6208ACRZ INTERSIL-ISL6208ACRZ Datasheet
353Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
ISL6208ACRZ-T INTERSIL-ISL6208ACRZ-T Datasheet
353Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
More results


Similar Description - ISL6208A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
High Voltage Synchronous Rectified Buck MOSFET Driver
November 2001
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
High Voltage Synchronous Rectified Buck MOSFET Driver
May 2002
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
July 25, 2005
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
March 30, 2007
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
March 23, 2007
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
High Voltage Synchronous Rectified Buck MOSFET Driver
August 7, 2008
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
High Voltage Synchronous Rectified Buck MOSFET Driver
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com