Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50016 Datasheet (PDF) - Renesas Technology Corp

HSP50016 Datasheet PDF - Renesas Technology Corp
Part # HSP50016
Download  HSP50016 Download
File Size   780.57 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Down Converter

HSP50016 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50016 Datasheet PDF - Renesas Technology Corp

Part # HSP50016
Download  HSP50016 Click to download

File Size   780.57 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Digital Down Converter

HSP50016 Datasheet (HTML) - Renesas Technology Corp


HSP50016 Product details

Features
• 75 MSPS Input Data Rate
• 16-Bit Data Input; Offset Binary or 2’s Complement Format
• Spurious Free Dynamic Range Through Modulator
>102dB
• Frequency Selectivity: <0.006Hz
• Identical Lowpass Filters for I and Q
• Passband Ripple: <0.04dB
• Stopband Attenuation: >104dB
• Filter -3dB to -102dB Shape Factor: <1.5
• Decimation Factors from 32 to 131,072
• IEEE 1149.1 Test Access Port
• HSP50016-EV Evaluation Board Available
Applications
• Cellular Base Stations
• Smart Antennas
• Channelized Receivers
• Spectrum Analysis
• Related Products: HI5703, HI5746, HI5766 A/Ds




Similar Part No. - HSP50016

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
Digital Down Converter
1999 02
HSP50016 INTERSIL-HSP50016 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
HSP50016 INTERSIL-HSP50016 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
HSP50016-EV INTERSIL-HSP50016-EV Datasheet
324Kb / 18P
DDC Evaluation Platform
1999 01
HSP50016GC-52 INTERSIL-HSP50016GC-52 Datasheet
209Kb / 31P
Digital Down Converter
1999 02
More results


Similar Description - HSP50016

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3556N SONY-CXA3556N Datasheet
142Kb / 13P
IF Down Converter for Digital Broadcast
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
Digital Down Converter
1999 02
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Analog Devices
AD6636 AD-AD6636 Datasheet
1Mb / 72P
150 MSPS Wideband Digital Down-Converter (DDC)
8/04-Revision 0
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
logo
California Eastern Labs
UPC3220GR CEL-UPC3220GR Datasheet
1Mb / 33P
LOW DISTORTION DOWN-CONVERTER IC FOR DIGITAL CATV
logo
Sanyo Semicon Device
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
For Digital CATV Down Converter IC
logo
M/A-COM Technology Solu...
MAIA-007495-000100 MA-COM-MAIA-007495-000100 Datasheet
105Kb / 5P
Down Converter
logo
Intersil Corporation
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
Digital Down Converter
September 2000
logo
M/A-COM Technology Solu...
MADC-011010 MA-COM-MADC-011010 Datasheet
1Mb / 18P
Down Converter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com