Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSP50216KIZ Datasheet (PDF) - Renesas Technology Corp

HSP50216KIZ Datasheet PDF - Renesas Technology Corp
Part # HSP50216KIZ
Download  HSP50216KIZ Download
File Size   1531.38 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Four-Channel Programmable Digital Downconverter

HSP50216KIZ Datasheet (PDF)

Go To PDF Page Download Datasheet
HSP50216KIZ Datasheet PDF - Renesas Technology Corp

Part # HSP50216KIZ
Download  HSP50216KIZ Click to download

File Size   1531.38 Kbytes
Page   59 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Four-Channel Programmable Digital Downconverter

HSP50216KIZ Datasheet (HTML) - Renesas Technology Corp


HSP50216KIZ Product details

Features
• Up to 70MSPS Input
• Four Independently Programmable Downconverter
Channels in a single package
• Four Parallel 16-Bit Inputs - Fixed or Floating Point Format
• 32-Bit Programmable Carrier NCO with >115dB SFDR
• 110dB FIR Out of Band Attenuation
• Decimation from 8 to >65536
• 24-bit Internal Data Path
• Digital AGC with up to 96dB of Gain Range
• Filter Functions
- 1 to 5 Stage CIC Filter
- Halfband Decimation and Interpolation FIR Filter
- Programmable FIR Filter
- Resampling FIR Filter
• Cascadable Filtering for Additional Bandwidth
• Four Independent Serial Outputs
• 3.3V Operation
• Pb-Free Available (RoHS Compliant)
Applications
• Narrow-Band TDMA through IS-95 CDMA Digital Software
Radio and Basestation Receivers
• Wide-Band Applications: W-CDMA and UMTS Digital
Software Radio and Basestation Receivers




Similar Part No. - HSP50216KIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
786Kb / 58P
Four-Channel Programmable Digital Downconverter
August 17, 2007
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
Four-Channel Programmable Digital Downconverter
October 5, 2015
More results


Similar Description - HSP50216KIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HSP50216 INTERSIL-HSP50216 Datasheet
561Kb / 53P
Four-Channel Programmable Digital DownConverter
2000 02
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
Four-Channel Programmable Digital DownConverter
February 2002
HSP50216 INTERSIL-HSP50216_06 Datasheet
767Kb / 58P
Four-Channel Programmable Digital DownConverter
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
August 2004
ISL5216 INTERSIL-ISL5216_05 Datasheet
1Mb / 65P
Four-Channel Programmable Digital DownConverter
July 8, 2005
ISL5216 INTERSIL-ISL5216_07 Datasheet
969Kb / 65P
Four-Channel Programmable Digital Downconverter
July 13, 2007
HSP50216 INTERSIL-HSP50216_07 Datasheet
786Kb / 58P
Four-Channel Programmable Digital Downconverter
August 17, 2007
HSP50216KIZ INTERSIL-HSP50216KIZ Datasheet
1Mb / 59P
Four-Channel Programmable Digital Downconverter
October 5, 2015
ISL5216KI INTERSIL-ISL5216KI Datasheet
971Kb / 65P
Four-Channel Programmable Digital Downconverter
July 13, 2007
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
Four-Channel Programmable Digital Downconverter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com