Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES6056 Datasheet (PDF) - Renesas Technology Corp

MC100ES6056 Datasheet PDF - Renesas Technology Corp
Part # MC100ES6056
Download  MC100ES6056 Download
File Size   632.1 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer

MC100ES6056 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC100ES6056 Datasheet PDF - Renesas Technology Corp

Part # MC100ES6056
Download  MC100ES6056 Click to download

File Size   632.1 Kbytes
Page   11 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2.5V, 3.3V ECL/LVPECL/LVDS Dual Differential 2:1 Multiplexer

MC100ES6056 Datasheet (HTML) - Renesas Technology Corp


MC100ES6056 Product details

Features
• 360 ps Typical Propagation Delays
• Maximum Frequency > 3 GHz Typical
• PECL Mode Operating Range: VCC = 2.375 V to 3.8 V with VEE = 0 V
• ECL Mode Operating Range: VCC = 0 V with VEE = –2.375 V to –3.8 V
• Open Input Default State
• Separate and Common Select
• Q Output Will Default LOW with Inputs Open or at VEE
• VBB Outputs
• LVDS Input Compatible
• 20-Lead Pb-Free Package Available




Similar Part No. - MC100ES6056

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC100ES6056 FREESCALE-MC100ES6056 Datasheet
254Kb / 8P
2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Freescale Semiconductor...
MC100ES6056DT FREESCALE-MC100ES6056DT Datasheet
254Kb / 8P
2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
logo
Integrated Device Techn...
MC100ES6056DT IDT-MC100ES6056DT Datasheet
1Mb / 9P
2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
Freescale Semiconductor...
MC100ES6056DTR2 FREESCALE-MC100ES6056DTR2 Datasheet
254Kb / 8P
2.5 V/3.3 V ECL/PECL/LVDS Dual Differential 2:1 Multiplexer
More results


Similar Description - MC100ES6056

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85356I ICST-ICS85356I Datasheet
238Kb / 14P
2:1, DIFFERENTIAL-TO-3.3V DUAL LVPECL / ECL CLOCK MULTIPLEXER
REV. A OCTOBER 7, 2004
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
logo
Integrated Circuit Syst...
ICS853054 ICST-ICS853054 Datasheet
207Kb / 15P
4:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
ICS853058 ICST-ICS853058 Datasheet
204Kb / 15P
8:1, DIFFERENTIAL-TO-3.3V OR 2.5V LVPECL/ECL CLOCK MULTIPLEXER
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
NB100LVEP56 ONSEMI-NB100LVEP56_06 Datasheet
150Kb / 10P
2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
November, 2006 ??Rev. 9
logo
Integrated Device Techn...
MC100ES6056 IDT-MC100ES6056 Datasheet
1Mb / 9P
2.5V, 3.3V ECL/LVPECL/LVDS DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
NB100LVEP56 ONSEMI-NB100LVEP56_16 Datasheet
110Kb / 10P
2.5V / 3.3V ECL DUAL Differential 2:1 Multiplexer
February, 2016 ??Rev. 11
logo
Renesas Technology Corp
853S058 RENESAS-853S058 Datasheet
433Kb / 20P
8:1 Differential-to-3.3V or 2.5V LVPECL/ECL Clock Multiplexer
2019
85356 RENESAS-85356 Datasheet
807Kb / 16P
2:1, Differential-to-3.3V Dual LVPECL/ECL Clock Multiplexer
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com