Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1491-06 Datasheet (PDF) - Renesas Technology Corp

MK1491-06 Datasheet PDF - Renesas Technology Corp
Part # MK1491-06
Download  MK1491-06 Download
File Size   288.45 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AMD GEODE™ CLOCK SOURCE

MK1491-06 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1491-06 Datasheet PDF - Renesas Technology Corp

Part # MK1491-06
Download  MK1491-06 Click to download

File Size   288.45 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description AMD GEODE™ CLOCK SOURCE

MK1491-06 Datasheet (HTML) - Renesas Technology Corp


MK1491-06 Product details

Features
• Packaged in 28-pin SOIC or in 28-pin SSOP
• Pb (lead) free, RoHS compliant
• Provides all critical timing for the AMD Geode companion
chip
• Four PCI clocks
• Selectable PCIF on up to 2 outputs
• Early PCI clock selectability
• Up to 4 Reference clocks
• 48 MHz USB and 24MHz SIO support
• AC97 audio clock
• Multiple power down modes
• Low EMI Enable pin reduces EMI radiation on PCI clocks
(patented)
• Operating voltage of 3.3 V ±5%
• Available in commercial (0 to +70°C) and industrial
(-40°C to +85°C) temperature ranges




Similar Part No. - MK1491-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1491-06 ICST-MK1491-06 Datasheet
88Kb / 6P
CS5530 Geode??Clock Source
Revision 101700
MK1491-06R ICST-MK1491-06R Datasheet
88Kb / 6P
CS5530 Geode??Clock Source
Revision 101700
MK1491-06R ICST-MK1491-06R Datasheet
215Kb / 10P
AMD Geode??Clock Source
Revision 110204
MK1491-06RLF ICST-MK1491-06RLF Datasheet
215Kb / 10P
AMD Geode??Clock Source
Revision 110204
MK1491-06RLFTR ICST-MK1491-06RLFTR Datasheet
215Kb / 10P
AMD Geode??Clock Source
Revision 110204
More results


Similar Description - MK1491-06

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1491-06 ICST-MK1491-06 Datasheet
88Kb / 6P
CS5530 Geode??Clock Source
Revision 101700
MK1491-09 ICST-MK1491-09 Datasheet
156Kb / 8P
AMD Geode GX2 Clock Source
Revision 080204
MK149106 ICST-MK149106 Datasheet
215Kb / 10P
AMD Geode??Clock Source
Revision 110204
logo
AAEON Technology
GENE-4312 AAEON-GENE-4312 Datasheet
385Kb / 1P
AMD Geode GX1 Processor
PCM-4896 AAEON-PCM-4896 Datasheet
380Kb / 1P
AMD Geode GX1 Processor
PCM-4896L AAEON-PCM-4896L Datasheet
452Kb / 1P
AMD Geode GX1 Processor
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
AMD Geode GX1 Processor
logo
Advantech Co., Ltd.
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
AMD Geode??LX800 3.5
21-Mar-2018
logo
Renesas Technology Corp
MK1491-09 RENESAS-MK1491-09 Datasheet
379Kb / 11P
AMD GEODE™ GX2 CLOCK SOURCE
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com