Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1714-02 Datasheet (PDF) - Renesas Technology Corp

MK1714-02 Datasheet PDF - Renesas Technology Corp
Part # MK1714-02
Download  MK1714-02 Download
File Size   379.33 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SPREAD SPECTRUM MULTIPLIER CLOCK

MK1714-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1714-02 Datasheet PDF - Renesas Technology Corp

Part # MK1714-02
Download  MK1714-02 Click to download

File Size   379.33 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SPREAD SPECTRUM MULTIPLIER CLOCK

MK1714-02 Datasheet (HTML) - Renesas Technology Corp


MK1714-02 Product details

Features
• Packaged in 20-pin tiny SSOP
• Pb (lead) free package
• Operating voltage of 3.3 V or 5 V
• Multiplier modes of x1, x2, x3, x4, x5, and x6
• Inexpensive 10 - 25 MHz crystal or clock input
• OE pin tri-states the outputs for board testing
• Power down pin stops the outputs low
• Selectable frequency spread
• Spread can be turned on or off
• Advanced, low power CMOS process
• Duty cycle of 40/60
• Industrial temperature range available




Similar Part No. - MK1714-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1714-02 ICST-MK1714-02 Datasheet
72Kb / 5P
Spread Spectrum Multiplier Clock
Revision 120400
MK1714-02R ICST-MK1714-02R Datasheet
72Kb / 5P
Spread Spectrum Multiplier Clock
Revision 120400
MK1714-02RI ICST-MK1714-02RI Datasheet
72Kb / 5P
Spread Spectrum Multiplier Clock
Revision 120400
MK1714-02RITR ICST-MK1714-02RITR Datasheet
72Kb / 5P
Spread Spectrum Multiplier Clock
Revision 120400
MK1714-02RTR ICST-MK1714-02RTR Datasheet
72Kb / 5P
Spread Spectrum Multiplier Clock
Revision 120400
More results


Similar Description - MK1714-02

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1714-02 ICST-MK1714-02 Datasheet
72Kb / 5P
Spread Spectrum Multiplier Clock
Revision 120400
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-05 PLL-PLL701-05 Datasheet
84Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-21 PLL-PLL701-21 Datasheet
195Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
PLL701-26 PLL-PLL701-26 Datasheet
187Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
ABE0117 ABRACON-ABE0117 Datasheet
107Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
Renesas Technology Corp
MK1714-01 RENESAS-MK1714-01 Datasheet
404Kb / 10P
SPREAD SPECTRUM MULTIPLIER CLOCK
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com