Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK1716-01 Datasheet (PDF) - Renesas Technology Corp

MK1716-01 Datasheet PDF - Renesas Technology Corp
Part # MK1716-01
Download  MK1716-01 Download
File Size   371.8 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SERIAL PROGRAMMABLE PCI SS VERSACLOCK SYNTHESIZER

MK1716-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1716-01 Datasheet PDF - Renesas Technology Corp

Part # MK1716-01
Download  MK1716-01 Click to download

File Size   371.8 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SERIAL PROGRAMMABLE PCI SS VERSACLOCK SYNTHESIZER

MK1716-01 Datasheet (HTML) - Renesas Technology Corp


MK1716-01 Product details

Features
• Packaged in 28-pin SSOP
• Operating voltage 3.3 V
• Serially programmable: user determines the output
frequency via a 3-wire interface
• Highly accurate frequency generation
• M/N Multiplier PLL: M = 1..2048, N = 1..1024
• Eliminates the need for custom Quartz Oscillators
• Input crystal frequency of 5-27 MHz
• Input clock frequency of 3-50 MHz
• Output clock frequencies of 250 kHz to 133.33 MHz
• Spread Spectrum frequency modulation for reduced
system EMI
• Center or down spread ±0.5% min to 4% total
• Selectable 32 kHz and 120 kHz modulation rate
• Advanced, low power, sub-micron CMOS process
• Separate VDD ‘s for each bank of 4 outputs
• Output skew <250 ps within output bank
• OE control on outputs




Similar Part No. - MK1716-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1711-01 ICST-MK1711-01 Datasheet
61Kb / 4P
200 MHz Selectable Clock Source
Revision 120897
MK1711-01 ICST-MK1711-01 Datasheet
42Kb / 4P
200 MHz Selectable Clock Source
Revision 12087
MK1711-01S ICST-MK1711-01S Datasheet
61Kb / 4P
200 MHz Selectable Clock Source
Revision 120897
MK1711-01STR ICST-MK1711-01STR Datasheet
61Kb / 4P
200 MHz Selectable Clock Source
Revision 120897
MK171101 ICST-MK171101 Datasheet
42Kb / 4P
200 MHz Selectable Clock Source
Revision 12087
More results


Similar Description - MK1716-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS343 ICST-ICS343 Datasheet
149Kb / 7P
Field Programmable Triple Output SS VersaClock Synthesizer
Revision 090704
ICS342 ICST-ICS342 Datasheet
151Kb / 7P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
Revision 090704
ICS341 ICST-ICS341 Datasheet
152Kb / 7P
Field Programmable SS VersaClock Synthesizer
Revision 090704
ICS309 ICST-ICS309 Datasheet
132Kb / 8P
SERIAL PROGRAMMABLE TRIPLE PLL SS VERSACLOCK SYNTHESIZER
Revision 122704
ICS252 ICST-ICS252 Datasheet
153Kb / 9P
Field Programmable Dual Output SS VersaClock Synthesizer
Revision 011606
logo
Integrated Device Techn...
ICS251 IDT-ICS251 Datasheet
216Kb / 10P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS251 IDT-ICS251_99 Datasheet
90Kb / 10P
Field Programmable SS VersaClock Synthesizer
ICS252 IDT-ICS252_12 Datasheet
115Kb / 10P
FIELD PROGRAMMABLE DUAL OUTPUT SS VERSACLOCK SYNTHESIZER
ICS341 IDT-ICS341 Datasheet
114Kb / 9P
FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
ICS345 IDT-ICS345_13 Datasheet
130Kb / 9P
TRIPLE PLL FIELD PROGRAMMABLE SS VERSACLOCK SYNTHESIZER
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com