Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2049-36 Datasheet (PDF) - Renesas Technology Corp

MK2049-36 Datasheet PDF - Renesas Technology Corp
Part # MK2049-36
Download  MK2049-36 Download
File Size   248.79 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT COMMUNICATIONS CLOCK PLL

MK2049-36 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2049-36 Datasheet PDF - Renesas Technology Corp

Part # MK2049-36
Download  MK2049-36 Click to download

File Size   248.79 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 3.3 VOLT COMMUNICATIONS CLOCK PLL

MK2049-36 Datasheet (HTML) - Renesas Technology Corp


MK2049-36 Product details

Features
• Packaged in 20 pin SOIC
• Pb (lead) free package
• 3.3 V + 5% operation
• Meets the TR62411, ETS300 011, and GR-1244
specification for MTIE, Pull-in/Hold-in Range, Phase
Transients, and Jitter Generation for Stratum 3, 4, and 4E
• Accepts multiple inputs: 8 kHz backplane clock or 10 to
50 MHz
• Locks to 8 kHz + 100 ppm (External mode)
• Buffer Mode allows jitter attenuation of 10 - 50 MHz input
and x1/x0.5 or x1/x2 outputs
• Exact internal ratios enable zero ppm error
• Output clock rates include T1, E1, T3, E3, and OC3
submultiples
• See also the MK2049-34 and MK2049-45




Similar Part No. - MK2049-36

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 120400
MK2049-36SI ICST-MK2049-36SI Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 120400
MK2049-36SITR ICST-MK2049-36SITR Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 120400
More results


Similar Description - MK2049-36

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2049-01 ICST-MK2049-01 Datasheet
137Kb / 11P
Communications Clock PLL
Revision 040601
MK2049-34 ICST-MK2049-34 Datasheet
135Kb / 11P
3.3 V Communications Clock PLL
Revision 121400
MK2049-35 ICST-MK2049-35 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 121300
MK2049-36 ICST-MK2049-36 Datasheet
125Kb / 10P
3.3 V Communications Clock PLL
Revision 120400
MK2049-34A ICST-MK2049-34A Datasheet
136Kb / 8P
3.3 Volt Communications Clock VCXO PLL
Revision 032504
MK2049-45 ICST-MK2049-45 Datasheet
182Kb / 9P
3.3V Communications Clock PLL
Revision 101904
logo
Renesas Technology Corp
MK2049-34 RENESAS-MK2049-34 Datasheet
256Kb / 10P
3.3 VOLT COMMUNICATIONS CLOCK VCXO PLL
102203
MK2049-45 RENESAS-MK2049-45 Datasheet
410Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
101904
MK2049-45A RENESAS-MK2049-45A Datasheet
262Kb / 11P
3.3 VOLT COMMUNICATIONS CLOCK PLL
051310
MK1574 RENESAS-MK1574 Datasheet
385Kb / 11P
3.3 VOLT FRAME RATE COMMUNICATIONS PLL
111605
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com