Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2058-01 Datasheet (PDF) - Renesas Technology Corp

MK2058-01 Datasheet PDF - Renesas Technology Corp
Part # MK2058-01
Download  MK2058-01 Download
File Size   413.81 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description COMMUNICATIONS CLOCK JITTER ATTENUATOR

MK2058-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2058-01 Datasheet PDF - Renesas Technology Corp

Part # MK2058-01
Download  MK2058-01 Click to download

File Size   413.81 Kbytes
Page   12 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description COMMUNICATIONS CLOCK JITTER ATTENUATOR

MK2058-01 Datasheet (HTML) - Renesas Technology Corp


MK2058-01 Product details

Features
• Excellent jitter attenuation for telecom clocks
• Also serves as a general purpose clock jitter attenuator
for distributed system clocks and recovered data or video
clocks
• 2:1 Input MUX for input reference clocks
• No switching glitches on output
• VCXO-based clock generation offers very low jitter and
phase noise generation
• Output clock is phase and frequency locked to the
selected input reference clock
• Fixed input to output phase relationship
• +115ppm minimum crystal frequency pullability range,
using recommended crystal
• Industrial temperature range
• Low power CMOS technology
• 20-pin SOIC package
• Pb (lead) free package
• Single 3.3 V power supply




Similar Part No. - MK2058-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2058-01 ICST-MK2058-01 Datasheet
150Kb / 10P
Communications Clock Jitter Attenuator
MK2058-01SI ICST-MK2058-01SI Datasheet
150Kb / 10P
Communications Clock Jitter Attenuator
MK2058-01SITR ICST-MK2058-01SITR Datasheet
150Kb / 10P
Communications Clock Jitter Attenuator
More results


Similar Description - MK2058-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2058-01 ICST-MK2058-01 Datasheet
150Kb / 10P
Communications Clock Jitter Attenuator
M1010-01 ICST-M1010-01 Datasheet
360Kb / 8P
VCSO BASED CLOCK JITTER ATTENUATOR
Rev 0.4
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
Clock Multiplier and Jitter Attenuator
Revision 031605
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
logo
Renesas Technology Corp
8V19N882 RENESAS-8V19N882 Datasheet
1Mb / 92P
RF Sampling Clock Generator and Jitter Attenuator
Rev.1.1 Mar.11.21
RC32012A RENESAS-RC32012A Datasheet
2Mb / 66P
FemtoClock Jitter Attenuator and Clock Generator
Sep 15, 2022
RC32112A RENESAS-RC32112A Datasheet
2Mb / 65P
FemtoClock Jitter Attenuator and Clock Generator
Oct 3, 2022
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5316 SKYWORKS-SI5316 Datasheet
1Mb / 26P
PRECISION CLOCK JITTER ATTENUATOR
Rev. 1.0
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com