Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK74CB218BRLFTR Datasheet (PDF) - Renesas Technology Corp

MK74CB218BRLFTR Datasheet PDF - Renesas Technology Corp
Part # MK74CB218BRLFTR
Download  MK74CB218BRLFTR Download
File Size   320.74 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL 1 TO 8 BUFFALO™ CLOCK DRIVER

MK74CB218BRLFTR Datasheet (PDF)

Go To PDF Page Download Datasheet
MK74CB218BRLFTR Datasheet PDF - Renesas Technology Corp

Part # MK74CB218BRLFTR
Download  MK74CB218BRLFTR Click to download

File Size   320.74 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL 1 TO 8 BUFFALO™ CLOCK DRIVER

MK74CB218BRLFTR Datasheet (HTML) - Renesas Technology Corp


MK74CB218BRLFTR Product details

Features
• Packaged as 28-pin SSOP (150 mil body)
• Pb (lead) free package, RoHS compliant
• Dual one input to eight output clock drivers
• Outputs are skew matched to within 250 ps
• A outputs and B outputs matched to 250 ps
• 2.5 V or 3.3 V output voltages
• Output Enable tri-states each bank of eight
• Clock speeds up to 200 MHz
Family of IDT Parts
The MK74CB218B Buffalo™ is designed to be used with
IDT’s clock synthesizer devices. The inputs of the Buffalo
are matched to the outputs of IDT clock synthesizers.
Consult IDT for applications support.




Similar Part No. - MK74CB218BRLFTR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK74CB218BRLFTR IDT-MK74CB218BRLFTR Datasheet
143Kb / 8P
DUAL 1 TO 8 BUFFALO CLOCK DRIVER
More results


Similar Description - MK74CB218BRLFTR

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK74CB115 ICST-MK74CB115 Datasheet
75Kb / 5P
1 to 16 Buffalo??Clock Driver
Revision 020800
MK74CB163 ICST-MK74CB163 Datasheet
76Kb / 5P
1 to 16 PECL to CMOS Buffalo??Clock Driver
Revision 112399
MK74CB214 ICST-MK74CB214 Datasheet
48Kb / 4P
Dual 1 to 7 Buffalo??Clock Driver
Revision 051396
MK74CB217 ICST-MK74CB217 Datasheet
76Kb / 5P
Dual 1 to 8 Buffalo??Clock Driver
Revision 12299
MK74CB218 ICST-MK74CB218 Datasheet
77Kb / 5P
Dual 1 to 8 Buffalo??Clock Driver
Revision 021600
MK74CB44 ICST-MK74CB44 Datasheet
73Kb / 5P
Quad 1 to 4 Buffalo??Clock Driver
Revision 022000
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
logo
Integrated Device Techn...
MK74CB218 IDT-MK74CB218 Datasheet
161Kb / 7P
DUAL 1 TO 8 BUFFALO CLOCK DRIVER
MK74CB218B IDT-MK74CB218B Datasheet
143Kb / 8P
DUAL 1 TO 8 BUFFALO CLOCK DRIVER
logo
Renesas Technology Corp
MK74CB218 RENESAS-MK74CB218 Datasheet
423Kb / 8P
DUAL 1 TO 8 BUFFALO™ CLOCK DRIVER
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com