Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK2308S-2LF Datasheet (PDF) - Renesas Technology Corp

MK2308S-2LF Datasheet PDF - Renesas Technology Corp
Part # MK2308S-2LF
Download  MK2308S-2LF Download
File Size   333.28 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ZERO DELAY, LOW SKEW BUFFER

MK2308S-2LF Datasheet (PDF)

Go To PDF Page Download Datasheet
MK2308S-2LF Datasheet PDF - Renesas Technology Corp

Part # MK2308S-2LF
Download  MK2308S-2LF Click to download

File Size   333.28 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ZERO DELAY, LOW SKEW BUFFER

MK2308S-2LF Datasheet (HTML) - Renesas Technology Corp


MK2308S-2LF Product details

Features
• Packaged in 16-pin SOIC
• Pb (lead) free package
• Zero input-output delay
• Four 1X outputs plus four 1/2X outputs
• Output to output skew is less than 250 ps
• Output clocks up to 133.3 MHz at 3.3 V
• Ability to generate 2X the input
• Full CMOS outputs with 18 mA output drive capability at
TTL levels at 3.3 V
• Spread SmartTM technology works with spread spectrum
clock generators
• Advanced, low power, sub micron CMOS process
• Operating voltage of 3.3 V




Similar Part No. - MK2308S-2LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK2308S-2 ICST-MK2308S-2 Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
MK2308S-2I ICST-MK2308S-2I Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
MK2308S-2IT ICST-MK2308S-2IT Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
MK2308S-2T ICST-MK2308S-2T Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
More results


Similar Description - MK2308S-2LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS574 ICST-ICS574 Datasheet
55Kb / 4P
Zero Delay, Low Skew Buffer
Revision 051801
ICS9112-18 ICST-ICS9112-18 Datasheet
62Kb / 4P
Zero Delay, Low Skew Buffer
Revision 050400
ICS671-15 ICST-ICS671-15 Datasheet
137Kb / 6P
ZERO DELAY, LOW SKEW BUFFER
MK2304-2 ICST-MK2304-2 Datasheet
134Kb / 5P
ZERO DELAY, LOW SKEW BUFFER
Revision 050306
MK2308-2 ICST-MK2308-2 Datasheet
121Kb / 5P
ZERO DELAY LOW SKEW BUFFER
Revision 111103
logo
Integrated Device Techn...
ICS574MLFT IDT-ICS574MLFT Datasheet
168Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
logo
Micrel Semiconductor
PL123-09OC MICREL-PL123-09OC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
PL123-05SC MICREL-PL123-05SC Datasheet
392Kb / 9P
Low Skew Zero Delay Buffer
logo
Renesas Technology Corp
MK2304-1 RENESAS-MK2304-1 Datasheet
253Kb / 9P
ZERO DELAY, LOW SKEW BUFFER
072710
MK2304-2 RENESAS-MK2304-2 Datasheet
330Kb / 7P
ZERO DELAY, LOW SKEW BUFFER
051310
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com