Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1711 Datasheet (PDF) - Diodes Incorporated

AH1711 Datasheet PDF - Diodes Incorporated
Part # AH1711
Download  AH1711 Download
File Size   476.47 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH

AH1711 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH1711 Datasheet PDF - Diodes Incorporated

Part # AH1711
Download  AH1711 Click to download

File Size   476.47 Kbytes
Page   12 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH

AH1711 Datasheet (HTML) - Diodes Incorporated


AH1711 Product details

Features
 Latch Operation
 High Sensitivity: Bop and Brp of ±7 Gauss and ±18 Gauss
 Open-Drain Output
 2.4V to 5.5V Operating Voltage Range
 Chopper Stabilized Design Provides
 Superior Temperature Stability
 Minimal Switch Point Drift
 Enhanced Immunity to Stress
 Good RF Noise Immunity
 -40°C to +125°C Operating Temperature
 ESD: HBM 8kV, CDM 2kV
 Industry Standard SOT23 Package
 Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
 Halogen and Antimony Free. “Green Device (Note 3)
 For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.

Applications
 Brushless DC-motor commutation
 Revolution per minute (RPM) measurements
 Wheel speed/angular/speed sensing
 Flow meters
 E-bikes
 Knobs




Similar Part No. - AH1711

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1711 DIODES-AH1711 Datasheet
650Kb / 12P
LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
More results


Similar Description - AH1711

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH3775 DIODES-AH3775 Datasheet
503Kb / 14P
HIGH-VOLTAGE MEDIUM-SENSITIVITY HALL EFFECT LATCH
Rev erse
AH3776 DIODES-AH3776 Datasheet
492Kb / 13P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
Rev erse
AH3768Q DIODES-AH3768Q Datasheet
529Kb / 13P
HIGH-VOLTAGE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
AH3769Q DIODES-AH3769Q Datasheet
526Kb / 13P
HIGH-VOLTAGE, LOW-SENSITIVITY AUTOMOTIVE HALL-EFFECT LATCH
Rev erse
AH3772 DIODES-AH3772 Datasheet
498Kb / 13P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
Rev erse
AH3774 DIODES-AH3774 Datasheet
502Kb / 14P
HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH
Rev erse
AH3563Q DIODES-AH3563Q Datasheet
662Kb / 14P
HIGH VOLTAGE HIGH SENSITIVITY AUTOMOTIVE HALL EFFECT LATCH SWITCH
Rev erse
AH3772 DIODES-AH3772_18 Datasheet
481Kb / 14P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
Rev erse-
AH1711 DIODES-AH1711 Datasheet
650Kb / 12P
LOW-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH SWITCH
December 2022 Rev. 1 - 2
AH3712 DIODES-AH3712 Datasheet
1Mb / 16P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH
January 2023 Rev. 2 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com