Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH3241Q Datasheet (PDF) - Diodes Incorporated

AH3241Q Datasheet PDF - Diodes Incorporated
Part # AH3241Q
Download  AH3241Q Download
File Size   1687.48 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description TWO-WIRE AUTOMOTIVE HALL SWITCHES INTEGRATED SELF-DIAGNOSTICS

AH3241Q Datasheet (PDF)

Go To PDF Page Download Datasheet
AH3241Q Datasheet PDF - Diodes Incorporated

Part # AH3241Q
Download  AH3241Q Click to download

File Size   1687.48 Kbytes
Page   19 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description TWO-WIRE AUTOMOTIVE HALL SWITCHES INTEGRATED SELF-DIAGNOSTICS

AH3241Q Datasheet (HTML) - Diodes Incorporated


AH3241Q Product details

Features
 Unipolar: AH3241Q, AH3242Q, AH3243Q, AH3244Q
 Latch: AH3280Q, AH3281Q, AH3282Q
 Output Polarity:
 Direct: AH3242Q, AH3243Q
 Inverted: AH3241Q, AH3244Q
 Wide Supply Voltage Operation: 2.7V to 27V
 Temperature Coefficient -1100ppm/°C
(AH3242Q, AH3243Q, AH3244Q)
 Chopper Stabilized Design Provides:
 Superior Temperature Stability
 Minimal Switch Point Drift
 Enhanced Immunity to Stress
 Battery polarity reverse connection protection
 Transient Spike Voltage Protection
 Overtemperature Shut Down and Auto-Restart
 UVLO Protection
 High ESD Rating: HBM = 8kV, CDM = 1kV
 Ready for ISO 26262
 Temperature Range: -40°C to +150°C
 Totally Lead-Free & Fully RoHS Compliant (Notes 1, 2)
 Halogen and Antimony Free. “Green” Device (Note 3)
 The AH3241Q-AH3244Q/AH3280Q-AH3282Q
are suitable for automotive applications requiring specific
change control; these parts are AEC-Q100 qualified, PPAP
capable, and manufactured in IATF 16949 certified facilities.

Applications
• Position and proximity sensing in automotive applications
• Seat positioning
• Seatbelt buckles
• Wiper positioning
• Window lifters
• Gear selection positioning




Similar Part No. - AH3241Q

ManufacturerPart #DatasheetDescription
logo
Apacer Technology Inc.
AH321 APACER-AH321 Datasheet
1Mb / 4P
USB drive
logo
TriQuint Semiconductor
AH322 TRIQUINT-AH322 Datasheet
447Kb / 8P
2W High Linearity InGaP HBT Amplifier
logo
Apacer Technology Inc.
AH322 APACER-AH322 Datasheet
1Mb / 4P
Apacer USB drive
logo
TriQuint Semiconductor
AH322-S8G TRIQUINT-AH322-S8G Datasheet
447Kb / 8P
2W High Linearity InGaP HBT Amplifier
AH322-S8PCB1960 TRIQUINT-AH322-S8PCB1960 Datasheet
447Kb / 8P
2W High Linearity InGaP HBT Amplifier
More results


Similar Description - AH3241Q

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
Chopper-Stabilized, Two Wire Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
Chopper-Stabilized, Two-Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1130 ALLEGRO-A1130 Datasheet
980Kb / 24P
Two-Wire Unipolar Vertical Hall-Effect Switches with Advanced Diagnostics
APS11800 ALLEGRO-APS11800 Datasheet
1Mb / 19P
Two-Wire Hall-Effect Switch with Advanced Diagnostics
March 24, 2020
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
logo
Diodes Incorporated
AH3231Q DIODES-AH3231Q Datasheet
2Mb / 19P
TWO-WIRE AUTOMOTIVE HALL EFFECT UNIPOLAR / LATCH SWITCHES
November 2022 Rev. 5 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com