Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MK3721 Datasheet (PDF) - Renesas Technology Corp

MK3721 Datasheet PDF - Renesas Technology Corp
Part # MK3721
Download  MK3721 Download
File Size   322.8 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW COST 16.2 TO 28 MHZ 3.3 VOLT VCXO

MK3721 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK3721 Datasheet PDF - Renesas Technology Corp

Part # MK3721
Download  MK3721 Click to download

File Size   322.8 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description LOW COST 16.2 TO 28 MHZ 3.3 VOLT VCXO

MK3721 Datasheet (HTML) - Renesas Technology Corp


MK3721 Product details

Features
• MK3721D is a drop-in replacement for the earlier
MK3721S device
• Packaged in 8-pin SOIC
• Operational frequency range of 16.2 MHz to 28 MHz
• Uses an inexpensive external crystal
• On-chip patented VCXO with pull range of 200 ppm
(minimum)
• VCXO tuning voltage of 0 to 3.3 V
• Operating voltage of 3.3 V
• 12 mA output drive capability at TTL levels
• Advanced, low-power, sub-micron CMOS process
• For frequencies between 1 MHz and 8 MHz, use the
MK3713D. For higher than 28 MHz, use the MK3732-05.
• Available in a lead-free package




Similar Part No. - MK3721

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3721S ICST-MK3721S Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3721STR ICST-MK3721STR Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
More results


Similar Description - MK3721

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 020900
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
Low Cost 3.3 Volt VCXO
Revision 082800
MK3754 ICST-MK3754 Datasheet
59Kb / 4P
Low Cost 54 MHz 3.3 Volt VCXO
Revision 060100
ICS728 ICST-ICS728 Datasheet
136Kb / 8P
LOW COST 27 MHZ 3.3 VOLT VCXO
Revision 012505
ICS722 ICST-ICS722 Datasheet
129Kb / 6P
LOW COST 27 MHZ 3.3 VOLT VCXO
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
LOW COST 3.3 VOLT VCXO
Revision 021804
ICS3727XP ICST-ICS3727XP Datasheet
132Kb / 7P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
Revision 102004
logo
Renesas Technology Corp
MK3711 RENESAS-MK3711 Datasheet
330Kb / 8P
LOW COST 8 TO 16 MHZ 3.3 VOLT VCXO
051310
MK3727D RENESAS-MK3727D Datasheet
340Kb / 8P
LOW COST 24 TO 36 MHZ 3.3 VOLT VCXO
030806
MK3754 RENESAS-MK3754 Datasheet
323Kb / 8P
LOW COST 54 MHZ 3.3 VOLT VCXO
072805
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com