Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0301DPB-02 Datasheet (PDF) - Renesas Technology Corp

RJK0301DPB-02 Datasheet PDF - Renesas Technology Corp
Part # RJK0301DPB-02
Download  RJK0301DPB-02 Download
File Size   135.91 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30V, 60A, 2.8mΩ max. Silicon N Channel Power MOS FET Power Switching

RJK0301DPB-02 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK0301DPB-02 Datasheet PDF - Renesas Technology Corp

Part # RJK0301DPB-02
Download  RJK0301DPB-02 Click to download

File Size   135.91 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 30V, 60A, 2.8mΩ max. Silicon N Channel Power MOS FET Power Switching

RJK0301DPB-02 Datasheet (HTML) - Renesas Technology Corp


RJK0301DPB-02 Product details

Features
• High speed switching
• Capable of 4.5V gate drive
• Low drive current
• High density mounting
• Low on-resistance
RDS(on) = 2.3 mΩ typ. (at VGS = 10 V)
• Pb-free
• Halogen-free




Similar Part No. - RJK0301DPB-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0301DPB-02 RENESAS-RJK0301DPB-02_15 Datasheet
136Kb / 7P
30V, 60A, 2.8m廓 max. Silicon N Channel Power MOS FET Power Switching
More results


Similar Description - RJK0301DPB-02

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03E9DPA RENESAS-RJK03E9DPA_13 Datasheet
123Kb / 7P
30V, 35A, 4.3m max N Channel Power MOS FET High Speed Power Switching
RJK03F0DPA RENESAS-RJK03F0DPA_13 Datasheet
123Kb / 7P
30V, 30A, 6.4m max. N Channel Power MOS FET High Speed Power Switching
RJK03M6DPA RENESAS-RJK03M6DPA Datasheet
160Kb / 7P
30V, 30A, 9.4m max. N Channel Power MOS FET High Speed Power Switching
RJK0454DPB RENESAS-RJK0454DPB_13 Datasheet
152Kb / 7P
40V, 40A, 4.9m max. Silicon N Channel Power MOS FET Power Switching
RJK0301DPB-02 RENESAS-RJK0301DPB-02_15 Datasheet
136Kb / 7P
30V, 60A, 2.8m廓 max. Silicon N Channel Power MOS FET Power Switching
RJK0305DPB-02 RENESAS-RJK0305DPB-02_15 Datasheet
170Kb / 7P
30V, 30A, 8.0m廓max Silicon N Channel Power MOS FET Power Switching
RJK0346DPA RENESAS-RJK0346DPA_15 Datasheet
106Kb / 7P
30V, 65A, 2.0m??max. N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_15 Datasheet
108Kb / 7P
30V, 35A, 5.2m??max. N Channel Power MOS FET High Speed Power Switching
RJK0391DPA RENESAS-RJK0391DPA_15 Datasheet
108Kb / 7P
30V, 50A, 2.9m??max. N Channel Power MOS FET High Speed Power Switching
RJK0305DPB-02 RENESAS-RJK0305DPB-02 Datasheet
169Kb / 7P
30V, 30A, 8.0mΩmax Silicon N Channel Power MOS FET Power Switching
Jan 07, 2015
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com