Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK2075DPA Datasheet (PDF) - Renesas Technology Corp

RJK2075DPA Datasheet PDF - Renesas Technology Corp
Part # RJK2075DPA
Download  RJK2075DPA Download
File Size   95.96 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 200V - 20A - MOS FET High Speed Power Switching

RJK2075DPA Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK2075DPA Datasheet PDF - Renesas Technology Corp

Part # RJK2075DPA
Download  RJK2075DPA Click to download

File Size   95.96 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 200V - 20A - MOS FET High Speed Power Switching

RJK2075DPA Datasheet (HTML) - Renesas Technology Corp


RJK2075DPA Product details

Features
 Low on-resistance
RDS(on) = 0.054  typ. (at ID = 10 A, VGS = 10 V, Ta = 25 C)
 Low leakage current
 High speed switching




Similar Part No. - RJK2075DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK2075DPA RENESAS-RJK2075DPA_15 Datasheet
96Kb / 7P
200V - 20A - MOS FET High Speed Power Switching
More results


Similar Description - RJK2075DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK2017DPP-M0 RENESAS-RJK2017DPP-M0 Datasheet
86Kb / 7P
200V - 45A - MOS FET High Speed Power Switching
RJQ6020DPM RENESAS-RJQ6020DPM Datasheet
83Kb / 4P
600V - 20A - MOS FET High Speed Power Switching
RJK60S5DPQ-E0 RENESAS-RJK60S5DPQ-E0 Datasheet
93Kb / 8P
600V - 20A - SJ MOS FET High Speed Power Switching
RJK60S5DPN RENESAS-RJK60S5DPN Datasheet
110Kb / 8P
600V - 20A - MOS FET High Speed Power Switching
RJK2076DPA RENESAS-RJK2076DPA Datasheet
96Kb / 7P
200V - 20A - MOS FET High Speed Power Switching
RJL60S5DPP-E0 RENESAS-RJL60S5DPP-E0 Datasheet
114Kb / 8P
600V - 20A - SJ MOS FET High Speed Power Switching
H5N2005DL RENESAS-H5N2005DL_15 Datasheet
89Kb / 7P
200V - 6A - MOS FET High Speed Power Switching
RJK2075DPA RENESAS-RJK2075DPA_15 Datasheet
96Kb / 7P
200V - 20A - MOS FET High Speed Power Switching
RJK2076DPA RENESAS-RJK2076DPA_15 Datasheet
96Kb / 7P
200V - 20A - MOS FET High Speed Power Switching
RJK2017DPP-M0 RENESAS-RJK2017DPP-M0_15 Datasheet
86Kb / 7P
200V - 45A - MOS FET High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com