Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK5026DPP-A0 Datasheet (PDF) - Renesas Technology Corp

RJK5026DPP-A0 Datasheet PDF - Renesas Technology Corp
Part # RJK5026DPP-A0
Download  RJK5026DPP-A0 Download
File Size   171.41 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500V - 6A - MOS FET High Speed Power Switching

RJK5026DPP-A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK5026DPP-A0 Datasheet PDF - Renesas Technology Corp

Part # RJK5026DPP-A0
Download  RJK5026DPP-A0 Click to download

File Size   171.41 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 500V - 6A - MOS FET High Speed Power Switching

RJK5026DPP-A0 Datasheet (HTML) - Renesas Technology Corp


RJK5026DPP-A0 Product details

Features
 Low on-resistance
RDS(on) = 1.35  typ. (at ID = 3 A, VGS = 10 V, Ta = 25 C)
 Low leakage current
 High speed switching
 Quality grade: Standard




Similar Part No. - RJK5026DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5026DPP-00-T2 RENESAS-RJK5026DPP-00-T2 Datasheet
74Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK5026DPP-00-T2 RENESAS-RJK5026DPP-00-T2 Datasheet
111Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK5026DPP-E0 RENESAS-RJK5026DPP-E0 Datasheet
93Kb / 7P
500V - 6A - MOS FET High Speed Power Switching
RJK5026DPP-E0-T2 RENESAS-RJK5026DPP-E0-T2 Datasheet
111Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
RJK5026DPP-E0T2 RENESAS-RJK5026DPP-E0T2 Datasheet
93Kb / 7P
500V - 6A - MOS FET High Speed Power Switching
More results


Similar Description - RJK5026DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0 Datasheet
99Kb / 7P
500V - 3A - MOS FET High Speed Power Switching
RJK5026DPP-E0 RENESAS-RJK5026DPP-E0_12 Datasheet
93Kb / 7P
500V - 6A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E_15 Datasheet
95Kb / 7P
500V - 50A - MOS FET High Speed Power Switching
2SK1629-E1-E RENESAS-2SK1629-E1-E_15 Datasheet
137Kb / 7P
500V - 30A - MOS FET High Speed Power Switching
H5N5016PL-E0-E RENESAS-H5N5016PL-E0-E_15 Datasheet
97Kb / 7P
500V - 50A - MOS FET High Speed Power Switching
RJK5032DPH-E0 RENESAS-RJK5032DPH-E0_15 Datasheet
99Kb / 7P
500V - 3A - MOS FET High Speed Power Switching
RJK5012DPP-E0 RENESAS-RJK5012DPP-E0_15 Datasheet
88Kb / 7P
500V - 12A - MOS FET High Speed Power Switching
RJK5026DPP-E0 RENESAS-RJK5026DPP-E0_15 Datasheet
93Kb / 7P
500V - 6A - MOS FET High Speed Power Switching
RJK5014DPP-E0 RENESAS-RJK5014DPP-E0_15 Datasheet
87Kb / 7P
500V - 19A - MOS FET High Speed Power Switching
2SK1522-E1-E RENESAS-2SK1522-E1-E Datasheet
246Kb / 8P
500V - 50A - MOS FET High Speed Power Switching
Feb.4.2022
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com