Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK6013DPP-A0 Datasheet (PDF) - Renesas Technology Corp

RJK6013DPP-A0 Datasheet PDF - Renesas Technology Corp
Part # RJK6013DPP-A0
Download  RJK6013DPP-A0 Download
File Size   171.66 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 11A - MOS FET High Speed Power Switching

RJK6013DPP-A0 Datasheet (PDF)

Go To PDF Page Download Datasheet
RJK6013DPP-A0 Datasheet PDF - Renesas Technology Corp

Part # RJK6013DPP-A0
Download  RJK6013DPP-A0 Click to download

File Size   171.66 Kbytes
Page   7 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 11A - MOS FET High Speed Power Switching

RJK6013DPP-A0 Datasheet (HTML) - Renesas Technology Corp


RJK6013DPP-A0 Product details

Features
 Low on-resistance
RDS(on) = 0.58  typ. (at ID = 5.5 A, VGS = 10 V, Ta = 25 C)
 Low leakage current
 High speed switching
 Quality grade: Standard




Similar Part No. - RJK6013DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6013DPP-00-T2 RENESAS-RJK6013DPP-00-T2 Datasheet
75Kb / 4P
Silicon N Channel MOS FET High Speed Power Switching
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
More results


Similar Description - RJK6013DPP-A0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJK6013DPE RENESAS-RJK6013DPE_12 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJL6012DPE RENESAS-RJL6012DPE_12 Datasheet
84Kb / 7P
600V - 10A - MOS FET High Speed Power Switching
RJK6002DPH-E0 RENESAS-RJK6002DPH-E0_15 Datasheet
99Kb / 7P
600V - 2A - MOS FET High Speed Power Switching
RJK6012DPP-E0 RENESAS-RJK6012DPP-E0_15 Datasheet
87Kb / 7P
600V - 10A - MOS FET High Speed Power Switching
RJK6013DPE RENESAS-RJK6013DPE_15 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJK6013DPP-E0 RENESAS-RJK6013DPP-E0_15 Datasheet
86Kb / 7P
600V - 11A - MOS FET High Speed Power Switching
RJK6015DPM RENESAS-RJK6015DPM_15 Datasheet
86Kb / 7P
600V - 21A - MOS FET High Speed Power Switching
RJK6035DPP-E0 RENESAS-RJK6035DPP-E0_15 Datasheet
86Kb / 7P
600V - 6A - MOS FET High Speed Power Switching
RJK6002DJE RENESAS-RJK6002DJE_15 Datasheet
69Kb / 4P
600V - 2A - MOS FET High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com