Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV99QC-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

BAV99QC-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # BAV99QC-Q
Download  BAV99QC-Q Download
File Size   224.47 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual series high-speed switching diodes

BAV99QC-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV99QC-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # BAV99QC-Q
Download  BAV99QC-Q Click to download

File Size   224.47 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual series high-speed switching diodes

BAV99QC-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


BAV99QC-Q Product details

1. General description
Dual series high-speed switching diodes, encapsulated in an ultra small DFN1412D-3 (SOT8009)
leadless Surface-Mounted Device (SMD) plastic package with side-wettable flanks .

2. Features and benefits
• High switching speed: trr ≤ 4 ns
• Low leakage current
• Reverse voltage VR ≤ 100 V
• Low capacitance Cd ≤ 2 pF
• Ultra small SMD plastic package
• Low package height of 0.5 mm
• Suitable for Automatic Optical Inspection (AOI) of solder joint
• Smaller footprint compared to conventional leaded SMD packages
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• High-speed switching
• General-purpose switching
• Reverse polarity protection
• Space restricted applications




Similar Part No. - BAV99QC-Q

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BAV99QC NEXPERIA-BAV99QC Datasheet
222Kb / 11P
Dual series high-speed switching diodes
25 May 2020
More results


Similar Description - BAV99QC-Q

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
logo
Nexperia B.V. All right...
BAV99QA NEXPERIA-BAV99QA Datasheet
693Kb / 12P
Dual series high-speed switching diodes
BAV99QA-Q NEXPERIA-BAV99QA-Q Datasheet
234Kb / 11P
Dual series high-speed switching diodes
28 June 2022
BAV99QC NEXPERIA-BAV99QC Datasheet
222Kb / 11P
Dual series high-speed switching diodes
25 May 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com