Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC846BPN-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

BC846BPN-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # BC846BPN-Q
Download  BC846BPN-Q Download
File Size   289.42 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 65 V, 100 mA NPN/PNP general-purpose transistor

BC846BPN-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
BC846BPN-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # BC846BPN-Q
Download  BC846BPN-Q Click to download

File Size   289.42 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 65 V, 100 mA NPN/PNP general-purpose transistor

BC846BPN-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


BC846BPN-Q Product details

1. General description
NPN/PNP general-purpose transistor pair in a very small SOT363 (SC-88) Surface-Mounted
Device (SMD) plastic package.
NPN/NPN complement: BC846BS-Q
PNP/PNP complement: BC856BS-Q

2. Features and benefits
• Low collector capacitance
• Low collector-emitter saturation voltage
• Closely matched current gain
• Reduces number of components and board space
• No mutual interference between the transistors
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• General-purpose switching and amplification




Similar Part No. - BC846BPN-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846BPN NXP-BC846BPN Datasheet
137Kb / 15P
65 V, 100 mA NPN/PNP general-purpose transistor
Rev. 01-17 July 2009
logo
Micro Commercial Compon...
BC846BPN MCC-BC846BPN Datasheet
600Kb / 5P
PNP and NPN Small Signal Transistor 200mW
logo
Nexperia B.V. All right...
BC846BPN NEXPERIA-BC846BPN Datasheet
303Kb / 12P
65 V, 100 mA NPN/PNP general-purpose transistor
1 October 2022
BC846BPNH NEXPERIA-BC846BPNH Datasheet
267Kb / 12P
65 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
BC846BPNH-Q NEXPERIA-BC846BPNH-Q Datasheet
268Kb / 12P
65 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
More results


Similar Description - BC846BPN-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846BPN NXP-BC846BPN Datasheet
137Kb / 15P
65 V, 100 mA NPN/PNP general-purpose transistor
Rev. 01-17 July 2009
BC856BS NXP-BC856BS Datasheet
100Kb / 12P
65 V, 100 mA PNP/PNP general-purpose transistor
Rev. 01-11 August 2009
logo
Nexperia B.V. All right...
BC846BPN NEXPERIA-BC846BPN Datasheet
303Kb / 12P
65 V, 100 mA NPN/PNP general-purpose transistor
1 October 2022
BC846BPNH-Q NEXPERIA-BC846BPNH-Q Datasheet
268Kb / 12P
65 V, 100 mA NPN/PNP general-purpose double transistor
6 May 2021
BC846BPNH NEXPERIA-BC846BPNH Datasheet
267Kb / 12P
65 V, 100 mA NPN/PNP general-purpose double transistor
4 May 2021
BC856S-Q NEXPERIA-BC856S-Q Datasheet
244Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
17 June 2021
BC856S NEXPERIA-BC856S Datasheet
241Kb / 11P
65 V, 100 mA PNP/PNP general-purpose transistor
1 July 2022
BC856XQB_SER NEXPERIA-BC856XQB_SER Datasheet
233Kb / 12P
65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 22 September 2021
BC856XQC-Q_SER NEXPERIA-BC856XQC-Q_SER Datasheet
236Kb / 12P
65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
BC856XQC_SER NEXPERIA-BC856XQC_SER Datasheet
235Kb / 12P
65 V, 100 mA PNP general-purpose transistor
Rev. 1 - 23 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com